24AA02UID
AI

### Overview of the 24AA02UID
The **24AA02UID** is a specialized 2-Kbit Electrically Erasable PROM (EEPROM) manufactured by Microchip Technology. It is unique because it includes a pre-programmed, globally unique **32-bit or 128-bit serial number (UID)**, making it ideal for device identification and tracking.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 bytes) |
| **Interface** | I2C™ Compatible (2-wire) |
| **Operating Voltage** | 1.7V to 5.5V |
| **Clock Frequency** | 400 kHz (max) |
| **Unique ID Size** | 32-bit (at specific addresses) |
| **Endurance** | 1,000,000 erase/write cycles |
| **Data Retention** | > 200 years |
| **Package Options** | SOT-23, PDIP, SOIC, MSOP |
---
### Functional Components
#### 1. Memory Organization
The 256 bytes of memory are divided into two distinct sections:
* **User Writable Area:** Standard EEPROM storage for application data.
* **UID Storage:** A read-only section located at the upper end of the memory map (addresses 0xF8 through 0xFF) containing the unique identifier.
#### 2. The I2C Interface
The chip communicates via two lines:
* **SCL (Serial Clock):** Used to synchronize data transfer.
* **SDA (Serial Data):** A bidirectional line for sending addresses and data.
#### 3. Write Protection
The device features hardware write protection. When the **WP pin** is connected to $V_{CC}$, the entire memory array becomes read-only, preventing accidental data corruption.
---
### Applications
* **Product Tracking:** Using the UID to trace manufacturing batches.
* **Security:** As a component in simple authentication schemes.
* **Network Nodes:** Providing a unique MAC-like address for decentralized systems.
* **Calibration Data:** Storing sensor-specific offsets that shouldn't be easily overwritten.
---
### Typical Circuit Connection
```mermaid
graph LR
MCU[Microcontroller] -- SDA -- EEPROM[24AA02UID]
MCU -- SCL -- EEPROM
VCC(1.7V-5.5V) -- Pull-up Resistor -- SDA
VCC -- Pull-up Resistor -- SCL
```
*Note: 4.7kΩ to 10kΩ pull-up resistors are required on both SDA and SCL lines for stable operation.*
- ⤷
How do I access the unique ID via I2C commands?
- ⤷ What is the difference between the 24AA02UID and the standard 24AA02?
- ⤷ Can the UID be modified by the user?