Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 25-14AO2

  • AI
    The term **25-14AO2** (often stylized as **25-14A02**) typically refers to a high-voltage flyback transformer or a specific component used in legacy CRT (Cathode Ray Tube) televisions and monitors. Below is a breakdown of its characteristics and function. --- ### 1. Component Overview The 25-14AO2 is primarily categorized as a **LOPT (Line Output Transformer)** or **Flyback Transformer**. Its main job is to generate the high voltage necessary to drive the electron gun in a vacuum tube display. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Flyback Transformer (LOPT) | | **Primary Voltage** | Typically 100V - 160V DC (B+ Voltage) | | **Secondary Voltage** | 20kV to 30kV (Anode High Voltage) | | **Focus Voltage** | 4kV to 8kV (Adjustable) | | **Screen Voltage** | 200V to 800V (G2 Voltage) | | **Mounting Type** | Through-hole PCB mount | --- ### 3. Key Internal Parts A flyback transformer like the 25-14AO2 is not just a coil; it is a complex assembly containing several sub-components: * **Ferrite Core:** A brittle, dark grey ceramic-like material that concentrates the magnetic field. * **Primary Winding:** Receives the switched pulse from the Horizontal Output Transistor (HOT). * **Secondary Windings:** Multiple layers of fine wire that step up the voltage to extreme levels. * **Internal Diodes:** Integrated high-voltage rectifiers that convert AC pulses into the DC high voltage required by the CRT anode. * **Potentiometers:** Usually two knobs located on the side of the plastic housing: * **Focus:** Adjusts the sharpness of the image. * **Screen (G2):** Adjusts the overall brightness/master pedestal. --- ### 4. Common Applications * **CRT Televisions:** Used in specific chassis designs from the late 1990s and early 2000s (often found in brands like Samsung, LG, or generic kits). * **Arcade Monitors:** Found in replacement chassis for vintage arcade cabinets. * **HV Projects:** Occasionally salvaged by hobbyists for Marx generators or plasma ionizers (though dangerous due to high current). ### 5. Failure Symptoms If this part fails, the device will usually exhibit the following: 1. **Chirping Sound:** The power supply is "crowbarring" because the transformer is shorted. 2. **No Raster:** The screen remains black despite the power light being on. 3. **Ozone Smell:** Indicates internal arcing or a cracked housing. 4. **Blurry Image:** Failure of the internal focus divider. --- **Safety Warning:** Flyback transformers deal with lethal voltages. Even when the power is off, the CRT can hold a massive charge. Only experienced technicians should handle these components.
    ✨ Follow-up Questions
    • ⤷What are the compatible cross-references for the 25-14AO2 flyback?
    • ⤷ How do I test if a 25-14AO2 is shorted using a multimeter?
    • ⤷ Can the focus potentiometers on this unit be repaired individually?