250-R27K
AI

Based on the part number **250-R27K**, this typically refers to a **Power Wirewound Resistor** or a specific **Precision Inductor**, depending on the manufacturer. However, in most electronic component databases, this nomenclature represents a resistor with specific electrical characteristics.
### Technical Specifications Breakdown
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 0.27 $\Omega$ | The "R" acts as a decimal point (R27 = 0.27). |
| **Tolerance** | $\pm 10\%$ | Denoted by the "K" at the end of the code. |
| **Power Rating** | 2.5W to 5W | Varies by series, but "250" often refers to a 2.5W base rating. |
| **Construction** | Wirewound | High-stability wire wrapped around a ceramic core. |
| **Coating** | Silicone or Vitreous Enamel | Provides heat dissipation and environmental protection. |
---
### Key Characteristics
1. **Low Resistance:** At 0.27 ohms, this component is designed for high-current paths where minimal voltage drop is required.
2. **High Power Handling:** Unlike standard carbon film resistors, wirewound components can handle significant heat and power surges.
3. **Inductance Factor:** Because they are wirewound, these components have inherent parasitic inductance. They are generally not suitable for high-frequency RF applications unless specified as "non-inductive."
### Common Applications
* **Current Sensing:** Used to measure current by monitoring the voltage drop across the resistor.
* **Inrush Current Limiting:** Protecting circuits from sudden power spikes when turned on.
* **Voltage Division:** Used in power supply circuits to drop specific voltages.
* **Audio Equipment:** Often found in crossover networks for speakers.
---
### Naming Convention Logic
If you are looking at a different manufacturer (like Ohmite or TE Connectivity), the code follows this standard logic:
```text
250 - R27 K
[Series] [Value] [Tolerance]
Size/Type 0.27 Ohm +/- 10%
```
- ⤷
Is this component being used for current sensing or power regulation?
- ⤷ Do you need the physical dimensions for PCB footprinting?
- ⤷ Are you looking for an equivalent replacement from a specific brand like Ohmite or Vishay?