25CTE-G-R
AI

The **25CTE-G-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Glass Sidewall Crystal Oscillator** or a high-precision resonator component, often manufactured by companies like *Kyocera* or *Citizen*.
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
---
## 1. Technical Specifications
Below are the general specifications typically associated with this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Resonator / Oscillator |
| **Package Type** | SMD (Surface Mount Device) |
| **Package Size** | 2.5mm x 2.0mm (Standard) |
| **Frequency Range** | Usually 12MHz to 54MHz (Application dependent) |
| **Tolerance** | ±10ppm to ±30ppm |
| **Operating Temp** | -40°C to +85°C |
| **RoHS Status** | Compliant (Lead-Free) |
---
## 2. Part Number Breakdown
While manufacturers have slight variations, the "25CTE-G-R" suffix generally breaks down as follows:
1. **25**: Refers to the physical dimensions (2.5mm length).
2. **CTE**: Product series designation (Glass-sealed or Ceramic-based).
3. **G**: Often denotes the frequency stability or specific load capacitance.
4. **R**: Indicates the packaging method, specifically **Tape & Reel** for automated assembly.
---
## 3. Key Features and Applications
### Features
* **Hermetic Sealing:** Uses glass-sealing technology to ensure long-term stability and protection against environmental moisture.
* **Miniaturization:** Its small footprint (2520 metric) makes it ideal for dense PCB layouts.
* **High Precision:** Low frequency aging and high thermal stability.
### Common Applications
* **Consumer Electronics:** Smartphones, tablets, and wearables.
* **Wireless Communication:** Bluetooth modules, Wi-Fi chipsets, and Zigbee.
* **Industrial:** IoT sensors and embedded microcontrollers requiring an external clock source.
---
## 4. Layout and Handling
When designing a PCB for the **25CTE-G-R**, consider the following:
* **Keep Traces Short:** Minimize the distance between the crystal and the IC pins to reduce parasitic capacitance.
* **Ground Plane:** Place a solid ground plane underneath the component to minimize EMI (Electromagnetic Interference).
* **Soldering:** Ensure the reflow profile matches the RoHS requirements for glass-sealed components to avoid thermal shock.
- ⤷
What is the specific load capacitance (CL) required for this part?
- ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or TXC?
- ⤷ What is the standard frequency for the 'G' grade in this series?