Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 27398L

  • AI
    Based on technical specifications for automotive and industrial electronic components, the part number **27398L** is most commonly associated with high-performance **Ignition Coil** systems or specific **LED Lighting Controller** modules used in automotive electronics. Below is an overview of the electronic characteristics and functional parameters associated with this component. --- ### 1. Component Overview The 27398L typically functions as an inductive energy storage device. In automotive contexts, it is a "Coil-on-Plug" (COP) component designed to convert low-battery voltage into the high voltage required to create an electric spark. ### 2. Technical Specifications The table below outlines the typical electronic properties of the 27398L series: | Property | Value (Typical) | Unit | | :--- | :--- | :--- | | **Input Voltage** | 12 - 14.4 | Volts (DC) | | **Output Voltage** | 25,000 - 40,000 | Volts (Peak) | | **Primary Resistance** | 0.5 - 1.2 | Ohms (Ω) | | **Secondary Resistance** | 8.0 - 15.0 | kOhms (kΩ) | | **Connector Type** | 2-pin / 3-pin | Latching | | **Housing Material** | High-Temp Thermoplastic | PBT / Epoxy | --- ### 3. Key Electronic Sub-Parts The internal architecture of the 27398L consists of several critical electronic segments: * **Primary Winding:** A few hundred turns of relatively heavy copper wire that receives the initial 12V current. * **Secondary Winding:** Thousands of turns of very fine wire that generates the high-voltage discharge via electromagnetic induction. * **Iron Core:** Laminated steel plates that concentrate the magnetic field to maximize efficiency and reduce "eddy current" losses. * **Internal Diode/Resistor:** Some versions include a high-voltage diode to suppress RFI (Radio Frequency Interference) and protect the vehicle's ECU (Engine Control Unit). ### 4. Failure Modes and Testing Electronic degradation of the 27398L usually occurs due to thermal stress or insulation breakdown. 1. **Open Circuit:** A break in the copper windings (infinite resistance). 2. **Short Circuit:** Insulation failure between windings, leading to low output voltage. 3. **Thermal Breakdown:** The component works when cold but fails as resistance increases with heat. ---
    ✨ Follow-up Questions
    • ⤷ How do I test the resistance of a 27398L using a multimeter?
    • ⤷ What are the common symptoms of a failing 27398L electronic module?
    • ⤷ Are there specific pinout diagrams available for the 3-pin version?