Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 27770

  • AI
    The part number **27770** most commonly refers to the **Intel/Altera Cyclone V FPGA** series (specifically the 5CGXFC5C6F27C7N or similar variations) or specific automotive/industrial control modules. In most industrial electronics contexts, however, **27770** is frequently associated with specific **Power Supplies** or **Motor Control** components. Below is an overview based on the most common applications of this part number. --- ### 1. Common Component Types Depending on the manufacturer prefix, 27770 typically falls into one of these three categories: | Manufacturer | Component Type | Primary Function | | :--- | :--- | :--- | | **Intel (Altera)** | FPGA (Cyclone V) | High-speed logic processing and signal routing. | | **Littelfuse/TE** | Circuit Protection | Automotive-grade fuses or relay modules. | | **SMC / Industrial** | Solenoid/Valve Controller | Electronic control for pneumatic or hydraulic systems. | --- ### 2. Technical Specifications (FPGA Context) If you are referring to the **Intel 27770 series (Cyclone V)**, here are the core electronic characteristics: * **Logic Elements:** Ranges from 25K to 301K. * **Variable-precision DSP Blocks:** Optimized for digital signal processing. * **Transceiver Speed:** Up to 6.144 Gbps. * **Voltage Supply:** Typically requires a core voltage of **1.1V**. * **Memory:** Integrated Hard Memory Controllers (DDR3 support). ### 3. Key Electronic Features Regardless of the specific sub-type, parts labeled 27770 in industrial settings usually feature: 1. **Thermal Regulation:** Designed to operate in extended temperature ranges (-40°C to +100°C). 2. **EMI Shielding:** High resistance to electromagnetic interference, crucial for factory floor deployment. 3. **Low Power Consumption:** Modern iterations use a 28nm process to reduce "leakage" current. --- ### 4. Implementation Example Below is a conceptual representation of how a 27770-series FPGA might be initialized in a system: ```cpp // Example: Basic initialization sequence for a controller module void setup_27770_module() { pinMode(CONFIG_PIN, OUTPUT); digitalWrite(CONFIG_PIN, LOW); // Check if the part is ready for bitstream if (status_check() == READY) { upload_firmware(27770_binary); } } ``` --- ### Identification Tip To provide more specific details, please check the **Manufacturer Name** printed on the component. The electronics for a **27770** made by *Intel* are vastly different from a **27770** made by *Littelfuse*.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer is listed on your specific 27770 part?
    • ⤷ Are you looking for a datasheet or a wiring pinout for this component?
    • ⤷ Is this part being used in an automotive or an industrial computing application?