2822HC125-R
AI

The **2822HC125-R** is a specific part number typically associated with high-performance **High-Current Power Inductors**, often manufactured by companies like **Coiltronics (now part of Eaton)**. These components are designed for high-density power conversion applications.
---
## Technical Specifications
Below are the typical electronic characteristics for this series:
| Parameter | Value/Description |
| :--- | :--- |
| **Inductance** | 1.25 µH (nominal) |
| **Inductance Tolerance** | ±20% |
| **Rated Current (Irms)** | High current capacity (typically 30A - 50A depending on heat rise) |
| **Saturation Current (Isat)** | High saturation (designed not to saturate easily under peak loads) |
| **DC Resistance (DCR)** | Very Low (typically in the mΩ range to reduce power loss) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +125°C |
---
## Key Features
### 1. High Power Density
The "HC" in the part number often stands for **High Current**. These inductors use a specialized flat-wire or foil construction to maximize the copper cross-section, reducing resistance and allowing more current through a smaller physical footprint.
### 2. Low Core Loss
The core material (usually a powdered iron or ferrite composite) is engineered to minimize "eddy current" losses, making the component highly efficient in high-frequency switching environments (up to 2MHz+).
### 3. Magnetic Shielding
The 2822 series is generally shielded. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB.
---
## Common Applications
These parts are found in circuits where high current needs to be regulated with minimal heat generation:
* **Voltage Regulator Modules (VRMs):** Used in servers and high-end workstations.
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **Multi-phase Regulators:** Powering CPUs, GPUs, and FPGAs.
* **Industrial Power Supplies:** High-efficiency battery charging and solar inverters.
---
## Physical Construction
The **2822** designation usually refers to the physical dimensions in inches (0.28" x 0.22" approximately), though exact sizing should be verified via the manufacturer's datasheet. The **-R** suffix typically denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards.
- ⤷
What are the exact physical dimensions of the 2822HC series?
- ⤷ How does the saturation current affect the performance in a buck converter?
- ⤷ What are the recommended soldering profiles for this SMD inductor?