Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 2829SLASH2

  • AI
    The term **2829/2** typically refers to a specific series or nomenclature used for **Electronic Connectors**, most notably the **TE Connectivity / Buchanan** series of terminal blocks. Below is a detailed breakdown of these electronic components, their specifications, and common applications. --- ## 1. Component Overview: Terminal Blocks The 2829/2 (often seen as part number `282834-2` or similar in the 2828/2829 series) represents a **PCB Mount Terminal Block**. These are mechanical connectors used to secure wires to a Printed Circuit Board (PCB) using a screw-clamping mechanism. ### Key Specifications | Feature | Standard Specification | | :--- | :--- | | **Pitch** | Typically 2.54mm, 5.0mm, or 5.08mm | | **Number of Positions** | 2 Positions (indicated by the /2) | | **Orientation** | Side Entry (Wire enters parallel to PCB) | | **Termination Method** | Screw - Rising Cage Clamp | | **Voltage Rating** | 300V (Commonly) | | **Current Rating** | 10A to 13.5A | | **Wire Gauge** | 16-30 AWG | --- ## 2. Technical Construction These parts are designed for high reliability in industrial environments. * **Housing Material:** Usually Polyamide (PA66), which is flame retardant (UL 94 V-0 rated). * **Contact Material:** Brass or Phosphor Bronze with Tin plating to prevent oxidation and ensure high conductivity. * **Clamp Material:** Copper alloy or steel, providing the mechanical force to hold the wire. ### Internal Logic The "Rising Cage" mechanism is superior to simple wire protectors because it compresses the wire between two flat surfaces, preventing the screw from "shredding" the copper strands. --- ## 3. Applications These components are found in almost every sector of electronics where power or signals must enter a board from external wiring: 1. **Industrial Controls:** PLC inputs, motor controllers, and sensor interfaces. 2. **Power Supplies:** Used for DC output terminals. 3. **HVAC Systems:** Thermostat wiring and control boards. 4. **DIY/Prototyping:** Frequently used on Arduino or Raspberry Pi "hats" for easy wire attachment. --- ## 4. Code Representation (PCB Footprint) If you are designing a PCB using software like Altium or KiCad, the footprint for a 2-position 5.08mm pitch terminal block would look like this in a simplified script: ```python # Pseudo-code for PCB Footprint Generation component = "Terminal_Block_2829_2" pitch = 5.08 positions = 2 for i in range(positions): add_pad(x = i * pitch, y = 0, hole_diameter = 1.1, shape = "SQUARE" if i==0 else "CIRCLE") ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 'Side Entry' and 'Top Entry' terminal block?
    • ⤷ How do I choose the correct wire gauge (AWG) for a 2829 series connector?
    • ⤷ Are there pluggable versions of these terminal blocks available?