AI

The part number **296HD503C3C** belongs to a series of **Rotary Potentiometers** (variable resistors), typically manufactured by **CTS Electronic Components**. These components are widely used for human-interface controls, such as volume knobs or parameter adjustments in industrial and consumer electronics.
---
## Technical Specifications
Based on the standard nomenclature for the 296 series, here is a breakdown of the technical attributes:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary Potentiometer |
| **Resistance Value** | 50 kΩ (503 code) |
| **Tolerance** | ±10% or ±20% (Standard for 296 series) |
| **Power Rating** | 0.15 Watts |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **Size** | 9mm Small Form Factor |
| **Rotation Angle** | 280° (Mechanical) |
---
### Part Number Breakdown
To understand the specific features of this model, we can decode the alphanumeric string:
1. **296**: Indicates the series (9mm size, compact design).
2. **H**: Refers to the terminal configuration (usually horizontal or a specific pin layout).
3. **D**: Refers to the shaft style (likely a "D-shaped" or flatted shaft).
4. **503**: The resistance code. The first two digits (50) are the value, and the third (3) is the multiplier (10^3). $50 \times 1,000 = 50,000$ Ohms or **50kΩ**.
5. **C3C**: These suffixes generally denote the taper (Linear or Audio), shaft length, and specific packaging/detent options.
---
### Key Applications
Due to its small 9mm footprint, this part is ideal for:
* **Audio Equipment:** Volume and tone controls for portable speakers or mixers.
* **Industrial Controls:** Setting thresholds on sensor modules or timers.
* **Consumer Appliances:** Temperature or speed settings on small household devices.
* **Test & Measurement:** Calibration offsets on circuit boards.
---
### Features & Advantages
* **Compact Design:** The 9mm size allows for high-density PCB layouts.
* **Durability:** Designed for thousands of rotations (cycles) without significant signal degradation.
* **Versatility:** Available with or without "detents" (the physical "clicks" felt when turning).
- ⤷
What is the difference between a linear and audio taper for this potentiometer?
- ⤷ How do I interpret the terminal pinout for through-hole mounting?
- ⤷ What are the alternative resistance values available in the 296 series?