Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 2CD3

  • AI
    The term **2CD3** is not a standard industry-wide part number for a single discrete electronic component (like a 2N2222 transistor). Instead, it typically refers to specific product series or internal coding systems used by manufacturers for **Capacitors** or **Relays**. Below is an analysis of the two most common components associated with the code **2CD3**. --- ### 1. 2CD3 Series: Metalized Polypropylene Film Capacitors In the electronic distribution market (particularly components originating from Asia), the "2C" often denotes a voltage rating, and "D3" identifies the dielectric material or series type. | Feature | Specification (Typical) | | :--- | :--- | | **Material** | Polypropylene Film (Metalized) | | **Voltage Range** | Often 160V to 630V DC | | **Tolerance** | ±5% (J) or ±10% (K) | | **Applications** | High-frequency filtering, decoupling, and timing circuits | | **Key Characteristics** | Low dissipation factor, self-healing properties, and stability under temperature fluctuations. | --- ### 2. 2CD3 Series: Miniature Power Relays In some industrial catalogs, 2CD3 refers to a specific footprint for **Electromagnetic Relays**. These are used for switching power to peripherals. #### Technical Parameters: * **Contact Form:** Usually 2C (DPDT - Double Pole Double Throw). * **Coil Voltage:** Available in 5V, 12V, or 24V DC. * **Switching Capacity:** Typically 1A to 3A at 125VAC or 30VDC. * **Pinout:** Standard through-hole (THT) mounting for PCB integration. --- ### 3. Usage in Circuit Design Depending on which part you are handling, the integration method differs: #### If it is a Capacitor: ```cpp // Role in a circuit: // 1. Place near power input for noise suppression. // 2. Used in LC oscillators for frequency stability. ``` #### If it is a Relay: * Requires a **Flyback Diode** (like 1N4007) across the coil to prevent voltage spikes. * Must be driven by a transistor (like a BC547) if the control signal comes from a Microcontroller (Arduino/ESP32). --- ### Comparison Table | Component Type | Primary Function | Distinguishing Visual Feature | | :--- | :--- | :--- | | **Film Capacitor** | Energy storage / Filtering | Red or Brown box-shaped/dipped body | | **Power Relay** | Electrical switching | Rectangular plastic cube (often black/blue/clear) | ---
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet of a specific manufacturer like Matsushita or Omron?
    • ⤷ Is the component a box-shaped capacitor or a rectangular relay?
    • ⤷ What is the voltage rating printed on your specific 2CD3 part?