2CW032039JL-R
AI

The part number **2CW032039JL-R** refers to a high-power, thick-film chip resistor typically used in automotive and industrial applications. This specific component is engineered for reliability under harsh conditions.
---
### Technical Specifications
Based on the standard nomenclature for this series, here are the key technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Thick Film Chip Resistor |
| **Resistance Value** | 3.9 MΩ (Megohms) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Case Size** | 2010 (Metric: 5025) |
| **Power Rating** | Approximately 0.75W to 1W (High Power) |
| **Operating Temp** | -55°C to +155°C |
| **Termination** | Lead-free (RoHS Compliant), Matte Tin |
---
### Key Features
1. **High Power Density:** The 2010 package size allows for higher power dissipation compared to standard 0805 or 1206 resistors.
2. **AEC-Q200 Compliance:** These parts are often qualified for automotive use, meaning they have high resistance to thermal shock, humidity, and mechanical vibration.
3. **Sulfur Resistance:** Many resistors in this series feature a specialized inner electrode to prevent silver-sulfide corrosion in polluted environments.
4. **Packaging (-R):** The "R" suffix typically denotes that the components are supplied on a **Tape & Reel** for automated Pick-and-Place assembly.
### Common Applications
* **Automotive Electronics:** Engine control units (ECUs), lighting systems, and battery management.
* **Industrial Power:** Power supplies, motor controllers, and inverters.
* **Consumer Electronics:** Large appliances or high-voltage circuits requiring stable resistance.
---
### Part Number Breakdown (Estimated)
| Segment | Meaning |
| :--- | :--- |
| **2CW** | Series Identifier (Automotive/High Power) |
| **03** | Case Size (2010) |
| **2039** | Resistance Code (20 x 10^3 = 3.9M or specific manufacturer code) |
| **J** | Tolerance (±5%) |
| **L** | Low Temperature Coefficient or Lead-Free Lead-frame |
| **-R** | Packaging (Tape & Reel) |
- ⤷What is the maximum voltage rating for the 2010 case size?
- ⤷ Are there 1% tolerance alternatives for this resistor?
- ⤷ How does sulfur resistance improve the longevity of thick film resistors?