2CW032075JL-R
AI

Based on your query, the part number **2CW032075JL-R** refers to a high-precision, high-power **Current Sense Resistor** (Shunt Resistor) often used in industrial and automotive power management systems.
---
## Technical Specifications
The part number follows a specific nomenclature typically associated with manufacturers like **Isabellenhütte** or similar high-end precision resistor brands. Here is a breakdown of its likely technical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Current Sense / Shunt | Designed to measure current by measuring voltage drop. |
| **Resistance Value** | 7.5 mΩ (Milliohms) | "075" typically indicates the ohmic value. |
| **Tolerance** | ±5% (J) | "J" is the standard tolerance code for 5%. |
| **Package / Case** | 2-Terminal / Surface Mount | Designed for PCB mounting in high-current paths. |
| **Termination** | L (Low Inductance) | Specialized for high-frequency switching environments. |
| **Packaging** | Tape & Reel (R) | "R" usually indicates the delivery format for automated pick-and-place. |
---
## Key Components and Construction
### 1. Resistive Element
The core is usually made of a specialized metal alloy (such as Manganin or Aluchrom). These materials are chosen for their **Low Temperature Coefficient of Resistance (TCR)**, ensuring the resistance remains stable even as the part heats up.
### 2. Physical Design
* **Low Inductance:** The "L" suffix often points to a design that minimizes parasitic inductance, which is critical for accurate current measurement in fast-switching circuits like PWM controllers.
* **Heat Dissipation:** These resistors are built to handle significant wattage, often featuring a metal plate or ceramic substrate to conduct heat away from the resistive element.
---
## Typical Applications
Current sense resistors like the **2CW032075JL-R** are found in circuits where monitoring current flow is essential for safety or control:
* **Battery Management Systems (BMS):** Tracking charge/discharge cycles in EV batteries or power tools.
* **Motor Control:** Providing feedback for torque and speed control in BLDC motors.
* **Power Supplies:** Implementing over-current protection (OCP) in DC-DC converters.
* **Automotive Electronics:** Monitoring power distribution in vehicle control units.
---
## Usage Considerations
When integrating this part into a design, engineers must account for:
1. **Power Rating:** Ensure the $I^2R$ power dissipation does not exceed the component's wattage limit.
2. **Kelvin Connection:** To achieve maximum accuracy with a 7.5 mΩ resistor, 4-wire (Kelvin) sensing layouts are recommended to eliminate lead resistance errors.
3. **Thermal Management:** Large copper planes should be used around the pads to act as a heatsink.
- ⤷
What is the maximum power rating (Wattage) for this specific series?
- ⤷ Can this resistor be used in a 4-wire Kelvin sensing configuration?
- ⤷ What are the recommended solder reflow profiles for this component?