2JS30-R
AI

The **2JS30-R** is a specific electronic component, primarily classified as a **Power Diode** or **Rectifier Diode**, often utilized in high-voltage or industrial power supply applications. Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
The "2J" prefix typically identifies its classification within specific manufacturer series (like Sanken or similar power electronics brands), often indicating high-speed or high-voltage capabilities.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Rectifier Diode |
| **Configuration** | Single Junction |
| **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | Typically 600V - 1000V (Series dependent) |
| **Average Rectified Forward Current ($I_F$)** | 3.0 Amperes |
| **Package Type** | Axial Lead (Often DO-201AD or similar) |
| **Mounting Type** | Through-Hole |
---
## 2. Key Electronic Characteristics
### A. Forward Voltage Drop ($V_F$)
Like most silicon-based power diodes, the 2JS30-R exhibits a forward voltage drop. At its rated current (3A), the $V_F$ is usually between **1.0V and 1.2V**. This results in heat dissipation that must be managed via PCB copper traces or ambient airflow.
### B. Reverse Recovery Time ($t_{rr}$)
Depending on the specific suffix (the "S" often denotes "Standard" or "Super Fast"), this diode is designed to switch from a conducting state to a blocking state. If it is a "Fast Recovery" version, it minimizes switching losses in high-frequency circuits.
### C. Surge Current ($I_{FSM}$)$
It is designed to handle high non-repetitive peak surge currents (typically up to **80A - 100A** for a short duration, e.g., 8.3ms), making it robust against initial power-on inrush currents.
---
## 3. Typical Applications
The 2JS30-R is commonly found in circuits requiring the conversion of AC to DC or protection against reverse polarity:
* **Switching Power Supplies (SMPS):** Used in the output rectification stage.
* **DC-DC Converters:** Acts as a freewheeling diode.
* **Battery Chargers:** Prevents reverse current flow from the battery to the charger circuit.
* **General Purpose Rectification:** Standard bridge or half-wave rectifiers for industrial electronics.
---
## 4. Visual and Mechanical Identification
* **Cathode Mark:** Indicated by a color band (usually white or silver) on one end of the cylindrical body.
* **Material:** Encapsulated in a flame-retardant epoxy resin.
* **Leads:** Tin-plated copper leads for easy soldering.
- ⤷
What is the maximum operating temperature for the 2JS30-R diode?
- ⤷ How does the 'R' suffix change the component's behavior compared to the standard model?
- ⤷ Can this diode be used in a full-bridge rectifier configuration?