2JS4-R
AI

## Understanding the 2JS4-R Electronic Component
The **2JS4-R** is a specific part number typically associated with **SMD (Surface Mount Device) Power Inductors**. These components are fundamental in power management circuits, primarily used for energy storage and filtering.
---
### 1. General Specifications
While specific data can vary slightly by manufacturer (such as Sumida or Toko/Murata), the "2JS4" series generally follows these technical parameters:
| Characteristic | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Fixed Inductor / Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Ferrite |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Common Inductance Range** | 1.0µH to 47µH (depending on specific sub-code) |
| **Operating Temperature** | -40°C to +85°C / +105°C |
---
### 2. Key Features
* **Low Profile:** Designed for compact electronic devices where vertical space is limited.
* **Magnetic Shielding:** The ferrite construction ensures that the magnetic field is contained, preventing interference with neighboring components on the PCB.
* **High Saturation Current:** Engineered to handle significant current peaks without the inductance dropping off sharply.
* **RoHS Compliant:** The "-R" suffix usually denotes compliance with RoHS (Restriction of Hazardous Substances) standards.
---
### 3. Common Applications
The 2JS4-R is widely utilized in DC-DC conversion circuits. Key applications include:
1. **Consumer Electronics:** Mobile phones, tablets, and digital cameras.
2. **Power Supplies:** Small switching regulators and point-of-load (POL) converters.
3. **Computing:** HDD/SSD power management and laptop motherboards.
4. **Communication:** Portable radio equipment and wireless modules.
---
### 4. Typical Internal Structure
The part consists of a **copper wire coil** wound around a **ferrite core**. The entire assembly is encapsulated in a plastic or resin housing with metallic terminals (pads) at the bottom for soldering onto a Printed Circuit Board (PCB).
---
- ⤷
What is the exact inductance value for the 2JS4-R variant you are looking at?
- ⤷ How does magnetic shielding in this inductor prevent EMI?
- ⤷ What are the footprint dimensions for the 2JS4 series on a PCB?