AI

The **2MC04-059-05-1** is a high-performance **Peltier Module (Thermoelectric Cooler)** manufactured by **II-VI Incorporated** (now part of **Coherent Corp.**). These modules are specifically designed for high-heat flux applications where precise temperature control is required for optoelectronic devices.
---
### 1. Technical Specifications
The following table highlights the core electrical and thermal characteristics of this specific module:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Multi-stage (2-Stage) Thermoelectric Cooler |
| **Max Temperature Differential ($\Delta T_{max}$)** | ~90°C to 100°C (at $T_{hot}$ = 27°C) |
| **Max Current ($I_{max}$)** | ~0.8 A to 1.2 A |
| **Max Voltage ($V_{max}$)** | ~3.5 V to 4.5 V |
| **Max Cooling Capacity ($Q_{max}$)** | ~1.5 W to 2.5 W |
| **Ceramic Material** | Aluminum Oxide ($Al_2O_3$) |
| **Internal Solder** | High-temperature (usually $AuSn$ or $BiSn$) |
---
### 2. Key Features and Construction
The "2MC" prefix indicates a **Two-Stage** configuration. Unlike single-stage coolers, two-stage modules stack Peltier elements to achieve a much higher temperature difference between the cold side and the heat sink.
* **Miniaturized Footprint:** Designed for integration into small packages like TO-can lasers or Butterfly packages.
* **High Reliability:** Built to meet Telcordia GR-468 standards for telecommunications.
* **Precision Surfaces:** The ceramic plates are usually lapped to tight tolerances to ensure maximum thermal contact.
---
### 3. Typical Applications
This specific part number is common in industries requiring "spot cooling" for sensitive electronics:
1. **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers.
2. **Infrared (IR) Sensors:** Reducing thermal noise in high-sensitivity imaging sensors.
3. **Laboratory Instrumentation:** Precise thermal cycling for PCR or chemical analysis on a micro-scale.
4. **CCD/CMOS Cooling:** Lowering dark current in digital imaging chips.
---
### 4. Integration Guide (Code Example)
To control this module, a **PID controller** is typically used in conjunction with an H-bridge driver. Below is a conceptual Arduino-style logic for a cooling loop:
```cpp
// Basic logic for controlling a Peltier via PWM and a Thermistor
const int peltierPWM = 9;
const int tempSensorPin = A0;
float targetTemp = 25.0; // Target in Celsius
void setup() {
pinMode(peltierPWM, OUTPUT);
}
void loop() {
int sensorValue = analogRead(tempSensorPin);
float currentTemp = convertToCelsius(sensorValue);
// Simple proportional control
if (currentTemp > targetTemp) {
int power = map(currentTemp - targetTemp, 0, 10, 0, 255);
analogWrite(peltierPWM, constrain(power, 0, 255));
} else {
analogWrite(peltierPWM, 0); // Turn off if below target
}
delay(100);
}
```
---
### 5. Handling Precautions
* **Heat Sinking:** Never apply power to the 2MC04-059-05-1 without a proper heat sink on the "hot" side. Without it, the module will overheat and destroy itself within seconds.
* **Compression:** Apply even pressure across the surface when mounting to avoid cracking the fragile ceramic plates.
* **Moisture:** Ensure the unit is sealed or operated in a dry environment to prevent condensation/corrosion at high $\Delta T$.
- ⤷What is the difference between a single-stage and a multi-stage Peltier module?
- ⤷ How do I calculate the heat sink requirements for this specific module?
- ⤷ What are the common failure modes for the 2MC series coolers?