Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 2MC04-059-10-1

  • AI
    The **2MC04-059-10-1** is a high-performance **Thermoelectric Cooler (TEC)**, also known as a Peltier module, manufactured by **II-VI Marlow** (formerly Marlow Industries). This specific series is designed for precision temperature control in demanding applications, particularly in telecommunications and aerospace. --- ### 1. Technical Specifications The following table highlights the core electrical and thermal characteristics of the device: | Parameter | Value (Approx.) | Description | | :--- | :--- | :--- | | **$I_{max}$** | 1.8 Amps | Maximum input current | | **$V_{max}$** | 7.1 Volts | Maximum input voltage | | **$Q_{max}$** | 7.7 Watts | Maximum cooling capacity | | **$\Delta T_{max}$** | 71°C | Max temperature difference (in vacuum) | | **Material** | Bismuth Telluride | Semiconductor material for Peltier effect | | **Surface** | Metallized / Gold Plated | Facilitates soldering and thermal contact | --- ### 2. Physical Construction The "2MC" prefix indicates that this is a **Two-Stage** (Multistage) module. * **Multistage Design:** Unlike standard single-stage TECs, this unit stacks two layers of semiconductor elements. This allows for a higher temperature differential ($\Delta T$) than single-stage units. * **Ceramic Substrate:** Usually made of Aluminum Oxide ($Al_2O_3$) or Beryllium Oxide ($BeO$) for electrical insulation and high thermal conductivity. * **Dimensions:** It is a micro-module, typically used for cooling very small components like laser diodes or infrared sensors. --- ### 3. Common Applications Due to its reliability and precision, the 2MC04-059-10-1 is used in: 1. **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers. 2. **Infrared Detectors:** Reducing thermal noise in imaging sensors. 3. **Laboratory Equipment:** Precise temperature cycling for PCR or chemical analysis. 4. **Fiber Optics:** Maintaining thermal stability in optical transceivers. --- ### 4. Implementation Guidelines When integrating this component into a circuit: * **Heat Sinking:** A Peltier module does not "destroy" heat; it moves it from the cold side to the hot side. You **must** provide an adequate heat sink on the hot side to prevent the device from burning out. * **DC Power:** Requires a clean DC power source. Using AC or high-ripple DC will significantly reduce cooling efficiency. * **Thermal Interface:** Use a high-quality thermal grease or solder preforms for mounting to ensure maximum heat transfer. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between single-stage and two-stage TEC modules?
    • ⤷ How do I calculate the heat sink requirements for this specific TEC?
    • ⤷ Can this module be used for heating as well as cooling?