Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 2MC04-059-10AN

  • AI
    The part number **2MC04-059-10AN** typically refers to a high-performance **Thermoelectric Cooler (TEC)**, also known as a Peltier Module, manufactured by **TEC Microsystems**. These modules are used for precise temperature control in optoelectronic and microelectronic applications. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the 2MC04-059-10AN module: | Parameter | Value / Specification | | :--- | :--- | | **Type** | Two-Stage (Multistage) Thermoelectric Cooler | | **Max Temperature Difference ($\Delta T_{max}$)** | ~90°C to 105°C (depending on vacuum/air) | | **Max Cooling Capacity ($Q_{max}$)** | ~0.6W to 0.8W | | **Max Current ($I_{max}$)** | ~1.0A to 1.1A | | **Max Voltage ($V_{max}$)** | ~1.6V to 2.0V | | **Number of Couples** | 59 | | **Exterior Material** | Aluminum Nitride (AlN) Ceramics | --- ### 2. Key Component Features The "2MC04" series is designed for miniaturized applications where a standard single-stage cooler cannot provide a deep enough temperature drop. * **Multistage Design:** The "2M" indicates a two-stage stack. This allows for a much higher temperature gradient ($\Delta T$) compared to single-stage modules. * **Aluminum Nitride (AlN) Substrate:** The "AN" suffix denotes the use of AlN ceramics. AlN has significantly higher thermal conductivity than standard Alumina ($\text{Al}_2\text{O}_3$), allowing for more efficient heat transfer and faster thermal response. * **Gold Plating:** These modules often feature gold-plated external buffers or pads to allow for soldering into high-reliability packages (like TO-can or Butterfly packages). --- ### 3. Common Applications Due to its small form factor and high $\Delta T$ capability, this part is commonly used in: 1. **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers. 2. **Infrared (IR) Sensors:** Cooling IR detectors to reduce thermal noise and increase sensitivity. 3. **CCD/CMOS Imaging:** Reducing "dark current" in high-precision scientific cameras. 4. **Laboratory Equipment:** Precise temperature stabilization for micro-fluidic chips. --- ### 4. Operation Precautions * **Heat Sinking:** Never apply power to the module without an adequate heat sink on the "hot side." Without heat dissipation, the module will overheat and fail within seconds. * **DC Power Only:** Use a filtered DC power supply. High ripple or PWM (Pulse Width Modulation) without filtering can degrade the cooling efficiency and longevity of the bismuth telluride pellets inside.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Alumina and Aluminum Nitride in TEC performance?
    • ⤷ How do I calculate the required heat sink size for this module?
    • ⤷ Can this module be used for heating as well as cooling?