Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 2N5152S

  • AI
    ## Overview of the 2N5152S Transistor The **2N5152S** is a high-performance **NPN Silicon Power Transistor** designed primarily for high-speed switching and high-current amplification applications. It is often utilized in military, aerospace, and high-reliability industrial environments due to its robust construction. --- ### 1. Key Technical Specifications The following table highlights the absolute maximum ratings and primary electrical characteristics of the 2N5152S: | Parameter | Symbol | Maximum Rating / Value | | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | 80 V | | **Collector-Base Voltage** | $V_{CBO}$ | 100 V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5.5 V | | **Continuous Collector Current** | $I_C$ | 2.0 A | | **Peak Collector Current** | $I_{CM}$ | 5.0 A | | **Total Power Dissipation ($T_C = 25^\circ C$)** | $P_D$ | 10 W | | **DC Current Gain** | $h_{FE}$ | 30 to 150 (at $I_C = 2.5A$) | | **Transition Frequency** | $f_T$ | 60 MHz (typical) | --- ### 2. Physical and Packaging Features The "S" suffix in 2N5152S often denotes a specific lead configuration or surface-mount capability, though the base series is commonly found in the following formats: * **Package Type:** Typically **TO-39** (metal can) or **TO-5**, providing excellent heat dissipation and hermetic sealing. * **Case Material:** Metal header with glass-to-metal seals to prevent environmental contamination. * **Mounting:** Through-hole (standard) or lead-formed for specific PCB requirements. --- ### 3. Application Areas Because of its high switching speed and current handling capability, it is used in: * **Power Switching:** High-efficiency DC-DC converters and inverters. * **Motor Control:** Driving small to medium DC motors. * **Pulse Amplifiers:** Systems requiring fast rise and fall times. * **Relay Drivers:** Handling inductive loads in control circuits. --- ### 4. Complementary Part If a circuit design requires a Push-Pull configuration or a PNP equivalent, the **2N5154** (or its variants) is generally used as the complementary PNP transistor to the 2N5151/2 series. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 2N5152 and the 2N5152S variant?
    • ⤷ Can you provide a circuit diagram example using this transistor for a relay driver?
    • ⤷ What are the thermal resistance values for the TO-39 package used in this part?