2N60L-TM3-R
AI

The **2N60L-TM3-R** is a specific part number for a high-voltage N-Channel MOSFET. It is widely used in power switching applications, particularly in power supplies and motor controllers.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The "2N60" series is a standard industrial MOSFET. The suffix "L" typically denotes "Lead-free" or "Low Gate Charge," and "TM3-R" refers to the specific package and tape/reel packaging format provided by the manufacturer (commonly Unisonic Technologies - UTC).
### 2. Technical Specifications
The following table highlights the core electrical parameters of the 2N60L:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 600V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±30V |
| **Continuous Drain Current** | $I_D$ | 2.0A |
| **Pulsed Drain Current** | $I_{DM}$ | 8.0A |
| **On-State Resistance** | $R_{DS(on)}$ | 3.8Ω - 4.5Ω (at $V_{GS}=10V$) |
| **Total Gate Charge** | $Q_g$ | 9.0 nC |
| **Power Dissipation** | $P_D$ | 25W - 50W (depending on package) |
---
### 3. Key Electronic Features
* **High Voltage Rating:** With a 600V capacity, it can safely handle the rectified voltage from standard AC mains (110V/220V).
* **Low Gate Charge:** This allows for faster switching speeds and reduces the power required from the gate driver circuit.
* **Avalanche Ruggedness:** Designed to withstand unexpected voltage spikes (Energy $E_{AS}$), making it durable in inductive load environments.
* **Package (TM3):** Usually refers to the **TO-251 (IPAK)** or **TO-252 (DPAK)** footprint, which is a surface-mount or miniature through-hole package suitable for compact PCB designs.
---
### 4. Common Applications
Due to its 600V/2A rating, this MOSFET is ideal for low-to-medium power conversion:
1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching element in AC-DC adapters for laptops or mobile chargers.
2. **LED Drivers:** Controlling the current in high-voltage LED lighting systems.
3. **DC-DC Converters:** Stepping up or down voltages in industrial equipment.
4. **Electronic Ballasts:** Used in fluorescent lighting circuits.
---
### 5. Pin Configuration (TO-251/TO-252)
When looking at the front of the component (labels facing you):
1. **Gate (G):** Controls the "on" and "off" state of the MOSFET.
2. **Drain (D):** Connected to the load (typically the positive supply side).
3. **Source (S):** Connected to the ground or negative side.
- ⤷
What are the equivalent replacement parts for the 2N60L-TM3-R?
- ⤷ How does the gate-source threshold voltage affect its performance in MCU circuits?
- ⤷ What is the difference between the 'L' and 'G' suffixes in UTC MOSFET part numbers?