2N65G-TN3-R
AI

## Technical Overview of the 2N65G-TN3-R
The **2N65G-TN3-R** is a high-voltage **N-Channel Enhancement Mode Power MOSFET** manufactured by UTC (Unisonic Technologies). It is designed for high-speed switching applications and is commonly found in power supplies and motor controllers.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 650 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±30 V |
| **Continuous Drain Current** | $I_D$ | 2.0 A |
| **Pulsed Drain Current** | $I_{DM}$ | 8.0 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 5.0 $\Omega$ (Max) |
| **Total Power Dissipation** | $P_D$ | 44 W (at $T_C$ = 25°C) |
---
### 2. Physical and Structural Details
The part number suffix **"TN3-R"** provides specific information regarding its physical form factor and packaging:
* **Package Type:** **TO-252** (also known as **D-PAK**). This is a surface-mount package designed for high power density.
* **Material:** The "G" in 2N65G indicates that the device is **Halogen-Free** and lead-free (RoHS compliant).
* **Mounting:** Designed for automated Surface Mount Technology (SMT) assembly.
---
### 3. Pin Configuration
The TO-252 package typically follows the standard MOSFET pinout:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Gate** | Controls the switching state of the MOSFET |
| 2 / Tab | **Drain** | Connected to the load (Case is also Drain) |
| 3 | **Source** | Connected to the ground or negative rail |
---
### 4. Typical Applications
Due to its high voltage rating and switching speed, the 2N65G-TN3-R is widely used in:
1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching transistor.
2. **LED Lighting Drivers:** Efficiently managing high-voltage AC-to-DC conversion.
3. **DC-DC Converters:** Stepping down or stepping up voltages in industrial equipment.
4. **Electronic Ballasts:** Used in fluorescent lighting systems.
---
### 5. Functional Advantages
* **Low Gate Charge:** Minimizes switching losses and allows for high-frequency operation.
* **Fast Switching:** Improves overall energy efficiency of the power system.
* **Avalanche Ruggedness:** The device is tested to withstand sudden voltage spikes (Avalanche energy).
---
- ⤷What are the recommended heat sinking strategies for a TO-252 package?
- ⤷ Can you explain the difference between the 2N65G and the 2N60 versions?
- ⤷ What is the typical gate threshold voltage for this MOSFET?