2N65ZLG-TM3-R
AI

The **2N65ZLG-TM3-R** is a specific N-channel enhancement mode Power MOSFET manufactured by UTC (Unisonic Technologies). It is designed for high-voltage, high-speed switching applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature where "2N65" generally denotes a 2 Ampere, 650V rated component.
| Parameter | Specification |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 650V |
| **Continuous Drain Current ($I_D$)** | 2.0A |
| **Pulsed Drain Current ($I_{DM}$)** | 8.0A |
| **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | 5.0 $\Omega$ (Max) |
| **Gate-Source Voltage ($V_{GSS}$)** | $\pm$ 30V |
| **Package Type** | TO-251 (TM3) |
| **Total Gate Charge ($Q_g$)** | 11.5 nC (Typical) |
---
### 2. Physical and Mechanical Features
The suffix **-TM3-R** refers to the packaging and shipping method:
* **TM3:** Refers to the **TO-251** package (also known as I-PAK). This is a through-hole package similar to TO-252 (D-PAK) but with long leads.
* **R:** Indicates **RoHS Compliant** (Lead-free) and usually signifies the "Tape and Reel" or "Tube" packing depending on the specific UTC catalog entry.
* **Z (in 2N65Z):** Often indicates "Zener Protected" gates, providing enhanced ESD (Electrostatic Discharge) protection.
---
### 3. Electronic Characteristics
* **High Switching Speed:** Optimized for applications requiring fast transitions to minimize switching losses.
* **Low Gate Charge:** Requires minimal current from the gate driver to switch on/off, making it compatible with many PWM controller ICs.
* **Avalanche Ruggedness:** Designed to handle momentary voltage spikes beyond $V_{DSS}$ without immediate failure (within specified energy limits).
---
### 4. Typical Applications
Because of its high voltage rating and relatively low current, it is commonly used in:
1. **Switch Mode Power Supplies (SMPS):** Used in the primary side of small AC/DC adapters.
2. **LED Drivers:** Ideal for driving high-voltage LED strings.
3. **Electronic Ballasts:** Used in lighting control circuits.
4. **DC-DC Converters:** High-efficiency power conversion in industrial equipment.
---
### 5. Equivalent/Alternative Parts
If you cannot find the UTC 2N65ZLG, these are standard industry equivalents (though you must check the package type):
* **STP2NK60Z**
* **FQD2N60**
* **SSS2N60B**
- ⤷
What are the pinout assignments for the TO-251 package of the 2N65ZLG?
- ⤷ How does the 'Z' suffix impact the ESD protection of this MOSFET?
- ⤷ Can this MOSFET be used in a 220V AC to 12V DC power supply circuit?