2N7002TL-AN3-R
AI

## 2N7002TL-AN3-R Component Analysis
The **2N7002TL-AN3-R** is a high-speed, low-threshold N-channel Enhancement Mode Field Effect Transistor (MOSFET). It is a surface-mount device widely used in switching and power management applications.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for this specific part:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 60 V |
| **Continuous Drain Current** | $I_D$ | 300 mA |
| **Pulsed Drain Current** | $I_{DM}$ | 800 mA |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Drain-Source On-Resistance** | $R_{DS(on)}$ | 2.0 $\Omega$ @ $V_{GS}=10V$ |
| **Gate Threshold Voltage** | $V_{GS(th)}$ | 1.0V to 2.5V |
| **Package Type** | SOT-23 | Tape & Reel |
---
### 2. Part Number Breakdown (UTC Naming Convention)
The suffix in the part number provides specific information regarding packaging and manufacturing:
* **2N7002**: The base part number for the N-Channel MOSFET.
* **T**: Often indicates High-Speed switching capability or specific thermal characteristics.
* **L**: Lead-free (RoHS compliant).
* **AN3**: Refers to the **SOT-23** package type.
* **R**: Tape and Reel packaging.
---
### 3. Functional Features
* **Low Drive Requirement**: Can be driven directly by most Logic ICs (TTL/CMOS) due to the low gate threshold voltage.
* **High Density Cell Design**: Ensures low $R_{DS(on)}$, minimizing power loss during conduction.
* **Fast Switching**: Optimized for high-frequency applications.
* **Reliability**: Features high saturation current and ruggedness.
---
### 4. Common Applications
Typical use cases for the 2N7002TL-AN3-R include:
1. **Logic Level Shifting**: Translating signals between different voltage domains (e.g., 3.3V to 5V).
2. **Small Signal Switching**: Controlling small loads like LEDs, relays, or solenoids.
3. **Power Management**: Battery-operated systems where low power consumption is critical.
4. **Load Switches**: Serving as a gate for turning off peripheral components to save energy.
---
### 5. Typical Schematic Representation
```text
Drain (3)
|
+----+----+
| |
Gate(1) --| |<--+ (Body Diode)
| |
+----+----+
|
Source (2)
```
- ⤷
How does the gate threshold voltage affect its compatibility with 3.3V microcontrollers?
- ⤷ What are the thermal dissipation limits of the SOT-23 package for this MOSFET?
- ⤷ Can you suggest a P-channel equivalent for a complementary circuit design?