2N80G-TM3-R
AI

The **2N80G-TM3-R** is a specific type of N-Channel Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **UTC (Unisonic Technologies)**. It is designed primarily for high-voltage and high-speed switching applications.
---
## 1. Technical Specifications
The part number encodes specific characteristics. Below is a breakdown of its primary electrical properties:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Transistor Type** | N-Channel | Requires a positive gate voltage to conduct. |
| **Drain-Source Voltage ($V_{DSS}$)** | 800V | The maximum voltage it can handle across the Drain and Source. |
| **Continuous Drain Current ($I_D$)** | 2.0A | The maximum continuous current the device can carry. |
| **Gate-Source Voltage ($V_{GS}$)** | $\pm$30V | The maximum voltage range for the gate control signal. |
| **On-Resistance ($R_{DS(on)}$)** | ~6.3$\Omega$ (Max) | Resistance when the transistor is fully turned on. |
| **Package Type** | TO-251 (TM3) | Through-hole package, often referred to as "IPAK". |
---
## 2. Key Features
* **High Voltage Capability:** With an 800V rating, it is suitable for power supplies connected to high-voltage AC mains.
* **Fast Switching:** Optimized for high-frequency operation, reducing energy loss during state transitions.
* **Low Gate Charge:** Requires minimal energy to trigger the gate, allowing for simpler driver circuits.
* **Avalanche Ruggedness:** Designed to withstand brief voltage spikes beyond its breakdown voltage.
---
## 3. Part Number Breakdown
The suffixing follows UTC’s nomenclature standard:
* **2N80:** 2 Amps current rating / 800 Volts voltage rating.
* **G:** Halogen-free and RoHS compliant (Green).
* **TM3:** Refers to the **TO-251** (IPAK) package style.
* **R:** Tape and Reel (though for TO-251, this often implies specific tube or box packaging depending on manufacturer updates).
---
## 4. Common Applications
Due to its high voltage rating and relatively low current, this MOSFET is typically used in:
1. **Switch Mode Power Supplies (SMPS):** Used in the primary side of small power adapters.
2. **LED Lighting:** Constant current drivers for high-voltage LED strings.
3. **DC-DC Converters:** High-efficiency voltage step-down or step-up modules.
4. **Electronic Ballasts:** Used in fluorescent lighting control.
---
- ⤷
What are the equivalent alternative parts for the 2N80G-TM3-R?
- ⤷ How does the TO-251 (TM3) package compare to the TO-252 (DPAK) version?
- ⤷ What is the importance of the RDS(on) value in this MOSFET's performance?