2SA1012-O-TM3-R
AI

The **2SA1012-O-TM3-R** is a high-performance PNP epitaxial silicon transistor. It is widely utilized in power amplification and switching applications due to its high current capacity and low saturation voltage.
### 1. Key Specifications and Characteristics
Below are the primary electrical characteristics of the 2SA1012-O-TM3-R:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -60 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -50 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -5 | V |
| Collector Current (DC) | $I_C$ | -5 | A |
| Collector Power Dissipation | $P_C$ | 25 | W |
| Junction Temperature | $T_j$ | 150 | °C |
---
### 2. Part Number Breakdown
The suffixing and prefixing provide specific details about the component's variant:
* **2SA1012**: The base model (PNP Transistor).
* **-O**: Represents the DC current gain ($h_{FE}$) classification. The "O" rank typically falls within the range of **70 to 140**.
* **-TM3**: Refers to the package type, often a variation of the **TO-251 (IPAK)** or similar through-hole/surface mount transition package.
* **-R**: Indicates the packing method, usually **Tape and Reel** (though for TM3, it can sometimes refer to RoHS compliance or specific lead-forming).
---
### 3. Features and Applications
#### Features:
* **Low Saturation Voltage**: Typically $V_{CE(sat)} = -0.4V$ (Max) at $I_C = -3A$, which reduces power loss and heat.
* **High Speed**: Fast switching times make it suitable for DC-to-DC converters.
* **High Current**: Capable of handling up to 5 Amperes continuously.
#### Common Applications:
1. **Power Amplifiers**: Used in the output stage of audio amplifiers.
2. **Switching Regulators**: Ideal for power management circuits and relay drivers.
3. **Motor Control**: Used in H-bridge circuits for controlling small DC motors.
---
### 4. Basic Connection (Example)
In a simple switching circuit, the PNP transistor acts as a high-side switch.
```text
[VCC]
|
[Emitter]
/ \
[Base]----[Collector]----[Load]----[GND]
|
[Resistor]
|
[Control Signal]
```
---
- ⤷What are the NPN complementary pairs for the 2SA1012?
- ⤷ How does the 'O' gain rank compare to the 'Y' rank for this transistor?
- ⤷ What is the thermal resistance junction-to-case for the TM3 package?