2SA1012-Y-TM3-R
AI

The **2SA1012-Y-TM3-R** is a high-current, low-voltage PNP epitaxial silicon transistor. It is widely used in power switching applications and audio frequency power amplifiers.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific variant and packaging:
| Prefix/Suffix | Meaning |
| :--- | :--- |
| **2SA1012** | The base model number (PNP Transistor). |
| **-Y** | HFE (Current Gain) classification. "Y" typically denotes a range of 120–240. |
| **-TM3** | Refers to the Package Type (usually TO-251 / I-PAK). |
| **-R** | Tape and Reel packaging / RoHS Compliance indicator. |
---
## 2. Key Technical Specifications
These parameters define the electrical limits and performance of the component:
| Parameter | Symbol | Rating |
| :--- | :--- | :--- |
| **Type** | Polar | PNP |
| **Collector-Base Voltage** | $V_{CBO}$ | -60 V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -50 V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5 V |
| **Collector Current (DC)** | $I_C$ | -5 A |
| **Collector Current (Pulse)** | $I_{CP}$ | -8 A |
| **Power Dissipation ($T_c = 25^\circ C$)** | $P_C$ | 20 W |
| **DC Current Gain** | $h_{FE}$ | 120 ~ 240 (Y grade) |
---
## 3. Major Features
* **Low Saturation Voltage:** $V_{CE(sat)}$ is typically low (around -0.4V at -3A), which reduces power loss during switching.
* **High Current Capability:** Capable of handling up to 5A continuously, making it robust for motor control.
* **Complementary Pair:** It is often paired with the **2SC2562** (NPN) for push-pull amplifier circuits.
* **Fast Switching:** Suitable for DC-DC converters and high-speed switching power supplies.
---
## 4. Common Applications
Due to its high current and medium voltage ratings, it is found in:
1. **Power Amplifiers:** Used in the output stage of audio equipment.
2. **Voltage Regulators:** Part of linear or switching regulation circuits.
3. **Relay/Solenoid Drivers:** Driving inductive loads that require significant current.
4. **DC-DC Converters:** Acting as a high-side switch in power conversion modules.
---
## 5. Equivalent/Alternative Parts
If this specific UTC (Unisonic Technologies) or Toshiba part is unavailable, the following are often considered:
* **2SA1012** (Standard TO-220 version)
* **TIP32C** (Similar current, but different package/gain characteristics)
* **2SB1018**
- ⤷
What are the physical dimensions of the TM3 (TO-251) package?
- ⤷ How does the hFE 'Y' rank compare to the 'O' rank for this transistor?
- ⤷ Can this transistor be used directly with a 5V microcontroller logic signal?