2SA1415-R-HF
AI

The **2SA1415-R-HF** is a high-speed switching, PNP epitaxial silicon transistor designed primarily for high-voltage control and switching applications. Below is a detailed technical breakdown of this electronic component.
### 1. Key Specifications & Ratings
The "R" in the part number typically refers to the DC Current Gain ($h_{FE}$) classification, and "HF" signifies that the component is **Halogen-Free**.
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -180 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -160 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -6 | V |
| Collector Current (DC) | $I_C$ | -0.14 | A (140mA) |
| Collector Dissipation | $P_C$ | 500 | mW |
| Junction Temperature | $T_j$ | 150 | °C |
---
### 2. Physical and Material Characteristics
* **Polarity:** PNP (Complementary to 2SC3645).
* **Package Type:** Usually found in a small-signal plastic package (like SOT-89 or TO-92MOD depending on the specific manufacturer series).
* **Environmental Standard:** Halogen-free and RoHS compliant, making it suitable for modern eco-friendly manufacturing.
---
### 3. Electrical Characteristics ($T_a = 25°C$)
The transistor is characterized by its low capacitance and high-frequency performance.
| Characteristic | Conditions | Min | Typ | Max | Unit |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Current Gain ($h_{FE}$)** | $V_{CE} = -5V, I_C = -10mA$ | 100 | - | 400 | - |
| **Saturation Voltage ($V_{CE(sat)}$)** | $I_C = -50mA, I_B = -5mA$ | - | - | -0.5 | V |
| **Gain Bandwidth ($f_T$)** | $V_{CE} = -10V, I_C = -20mA$ | - | 120 | - | MHz |
| **Output Capacitance ($C_{ob}$)** | $V_{CB} = -10V, f = 1MHz$ | - | 3.5 | - | pF |
---
### 4. Primary Applications
The 2SA1415-R-HF is optimized for specific electronic circuits:
1. **High-Voltage Switching:** Used in circuits requiring a breakdown voltage up to 160V.
2. **Video Output:** Often utilized in CRT displays or high-definition video processing due to its low output capacitance ($C_{ob}$).
3. **Driver Circuits:** Acts as a driver for high-voltage power transistors or relay control.
4. **Audio Amplification:** Suitable for the voltage gain stages in high-fidelity audio amplifiers.
---
### 5. Circuit Symbol & Pinout
```text
C (Collector)
|
--|
B --| < (Emitter Arrow pointing IN for PNP)
--|
|
E (Emitter)
```
- ⤷
What is the complementary NPN transistor for the 2SA1415-R-HF?
- ⤷ How does the 'R' classification affect the circuit design?
- ⤷ What are the thermal considerations for using this transistor at its maximum 500mW power rating?