2SB1188-R
AI

## Technical Overview: 2SB1188-R PNP Power Transistor
The **2SB1188-R** is a Silicon PNP Epitaxial Planar Transistor designed specifically for low-voltage, high-current applications. It is widely used in power management and switching circuits due to its high current capacity and low saturation voltage.
---
### 1. Key Specifications and Ratings
The "R" suffix typically refers to the **hFE (DC Current Gain)** classification, indicating a specific range of gain performance.
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -40 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -32 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -5 | V |
| Collector Current (DC) | $I_C$ | -2 | A |
| Collector Current (Pulse) | $I_{CP}$ | -3 | A |
| Power Dissipation ($T_a = 25^\circ C$) | $P_C$ | 0.5 (varies by package) | W |
| Junction Temperature | $T_j$ | 150 | $^\circ C$ |
---
### 2. Electrical Characteristics
The 2SB1188-R is valued for its efficiency in "on" states.
* **Low Saturation Voltage:** $V_{CE(sat)}$ is typically around -0.5V at $I_C = -2A$, which reduces power loss and heat generation.
* **DC Current Gain (hFE):** For the "R" classification, the gain typically falls within the range of **180 to 390**.
* **Transition Frequency ($f_T$):** Usually around 100 MHz, making it suitable for high-speed switching.
---
### 3. Physical Package and Pinout
The most common package for the 2SB1188 is the **SOT-89** (Surface Mount Device), which allows for a compact footprint with decent thermal dissipation.
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Base** | Controls the transistor bias |
| 2 | **Collector** | Connected to the load (Middle/Tab) |
| 3 | **Emitter** | Connected to the positive supply (PNP) |
---
### 4. Common Applications
* **Voltage Regulators:** Used in linear regulators for low-voltage drop.
* **Relay/Solenoid Drivers:** Its 2A capacity allows it to drive mechanical components easily.
* **Audio Amplifiers:** Used in the output stages of small portable audio devices.
* **Power Management:** DC-DC converters and battery-charging circuits.
---
### 5. Complementary Pair
In push-pull amplifier configurations, the 2SB1188 (PNP) is often paired with its NPN counterpart:
* **Complementary NPN:** **2SD1766**
- ⤷
What are the alternative surface-mount packages for the 2SB1188 besides SOT-89?
- ⤷ How does the 'R' gain ranking compare to the 'Q' or 'P' rankings?
- ⤷ Can you provide a simple circuit diagram for using this transistor as a switch?