2SB1386-R-
AI

The **2SB1386-R** is a specific variant of a PNP epitaxial planar silicon transistor, commonly used in medium-power amplification and switching applications. Below is a detailed breakdown of its technical characteristics and usage.
---
## 1. General Overview
The 2SB1386 is designed for power amplification. The suffix **"-R"** indicates the **hFE (DC Current Gain) rank**, which typically falls within a specific range defined by the manufacturer (usually Rohm Semiconductor).
### Key Features:
* **Type:** PNP Silicon Epitaxial Planar Transistor.
* **Package:** Usually found in a **SOT-89** package (Surface Mount).
* **Low Saturation Voltage:** $V_{CE(sat)} = -0.5V$ (Max) at $I_C = -2A$.
* **Complementary NPN Part:** 2SD2098.
---
## 2. Technical Specifications
The following table outlines the absolute maximum ratings and electrical characteristics:
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -30 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -20 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -6 | V |
| Collector Current (DC) | $I_C$ | -5 | A |
| Collector Current (Pulse) | $I_{CP}$ | -10 | A |
| Power Dissipation ($T_a = 25^\circ C$) | $P_D$ | 0.5 | W |
| Junction Temperature | $T_j$ | 150 | $^\circ C$ |
---
## 3. hFE Classification (The "-R" Suffix)
Transistors are often binned by their DC current gain. For the 2SB1386, the "R" classification typically represents:
| Rank | Gain Range ($h_{FE}$) |
| :--- | :--- |
| **Q** | 120 to 270 |
| **R** | **180 to 390** |
---
## 4. Typical Applications
Due to its high current capacity and low saturation voltage, this part is ideal for:
1. **Power Management:** Used in voltage regulators and battery-operated devices.
2. **Switching:** Driving actuators, relays, or LEDs where high current is required.
3. **Audio Amplification:** Used in the output stages of medium-power audio equipment.
---
## 5. Pinout Configuration (SOT-89)
When looking at the front of the SOT-89 package (pins pointing down):
1. **Base (B):** Input signal control.
2. **Collector (C):** Connected to the larger middle tab for heat dissipation.
3. **Emitter (E):** Usually connected to the positive supply in a PNP configuration.
---
- ⤷
What are the key differences between the 2SB1386 and its NPN complement 2SD2098?
- ⤷ How does the SOT-89 package affect thermal management compared to a TO-92 package?
- ⤷ Can the 2SB1386 be used in high-frequency switching applications above 100MHz?