2SB767-R-HF
AI

The **2SB767-R-HF** is a high-performance PNP epitaxial silicon transistor. It is primarily designed for low-frequency power amplification and driver stage applications in electronic circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Characteristics
| Feature | Description |
| :--- | :--- |
| **Polarity** | PNP |
| **Material** | Silicon (Epitaxial) |
| **Package Type** | SOT-89 (Surface Mount Device) |
| **Halogen Free** | Yes (denoted by the "-HF" suffix) |
| **Key Attribute** | High current capacity in a compact power package |
---
### 2. Absolute Maximum Ratings ($T_a = 25^\circ C$)
These values represent the stress limits of the component. Exceeding these may cause permanent damage.
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -50 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -50 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -5 | V |
| Collector Current (DC) | $I_C$ | -2 | A |
| Collector Current (Pulse) | $I_{CP}$ | -3 | A |
| Power Dissipation | $P_C$ | 0.5 (mounted on PCB: 2.0) | W |
| Junction Temperature | $T_j$ | 150 | $^\circ C$ |
---
### 3. Electrical Characteristics
The "R" in the part number typically refers to the **hFE (DC Current Gain)** classification rank.
| Characteristic | Symbol | Condition | Min | Max | Unit |
| :--- | :--- | :--- | :--- | :--- | :--- |
| DC Current Gain | $h_{FE}$ | $V_{CE}=-2V, I_C=-500mA$ | 120 | 240 | - |
| Collector Saturation Voltage| $V_{CE(sat)}$| $I_C=-1A, I_B=-50mA$ | - | -0.5 | V |
| Base Saturation Voltage | $V_{BE(sat)}$| $I_C=-1A, I_B=-50mA$ | - | -1.2 | V |
| Transition Frequency | $f_T$ | $V_{CE}=-2V, I_C=-500mA$ | 120 (Typ) | - | MHz |
---
### 4. Typical Applications
The 2SB767-R-HF is commonly found in the following circuit types:
* **Voltage Regulators:** Used as a pass transistor in linear power supplies.
* **Relay Drivers:** High current handling allows it to trigger mechanical relays or solenoids.
* **Audio Amplifiers:** Suitable for the output stage of small portable audio devices.
* **DC-DC Converters:** Acts as a high-speed switch for power management.
---
### 5. Package Pinout (SOT-89)
```text
_______
| 2 | (Tab)
___|_______|___
| 1 2 3 |
|___|___|___|___|
1: Base (B)
2: Collector (C) [Connected to Tab]
3: Emitter (E)
```
- ⤷
What are the equivalent NPN complementary transistors for the 2SB767?
- ⤷ How does the SOT-89 package thermal dissipation compare to the TO-92 version?
- ⤷ What are the specific benefits of the 'Halogen-Free' (HF) designation in modern manufacturing?