Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 2SC1908

  • AI
    ## Technical Overview of the 2SC1908 Transistor The **2SC1908** is a Silicon NPN epitaxial planar type transistor specifically designed for high-frequency applications. It belongs to a class of transistors optimized for low-noise amplification in the VHF (Very High Frequency) and UHF (Ultra High Frequency) bands. --- ### 1. Key Features and Applications The 2SC1908 is primarily utilized in communication equipment due to its performance characteristics: * **Low Noise Figure:** Ideal for front-end signal amplification where maintaining signal integrity is crucial. * **High Gain-Bandwidth Product ($f_T$):** Capable of operating effectively at frequencies up to several hundred megahertz. * **Applications:** * VHF/UHF RF amplifiers. * TV tuners and FM radio receivers. * Oscillators in communication devices. --- ### 2. Absolute Maximum Ratings These values represent the stress limits of the component. Operating beyond these may cause permanent damage. | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 30 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 19 | V | | Emitter-Base Voltage | $V_{EBO}$ | 2 | V | | Collector Current | $I_C$ | 50 | mA | | Collector Power Dissipation | $P_C$ | 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ### 3. Electrical Characteristics ($T_a = 25°C$) The typical performance metrics for the 2SC1908 are as follows: | Characteristic | Symbol | Typical Value | Conditions | | :--- | :--- | :--- | :--- | | DC Current Gain | $h_{FE}$ | 40 – 200 | $V_{CE}=10V, I_C=10mA$ | | Transition Frequency | $f_T$ | 1000 MHz | $V_{CE}=10V, I_C=10mA$ | | Reverse Transfer Capacitance | $C_{re}$ | 0.65 pF | $V_{CB}=10V, f=1MHz$ | | Noise Figure | $NF$ | 3.5 dB | $f=400MHz$ | --- ### 4. Pinout Configuration The 2SC1908 usually comes in a small plastic package (typically **TO-92** or similar small-signal variants). Looking at the flat side with leads pointing down: 1. **Emitter** 2. **Collector** 3. **Base** *(Note: Always verify with the specific manufacturer’s datasheet as pinouts can vary between different brand variations like 'S' or 'R' suffixes).* --- ### 5. Circuit Design Example (Simple RF Amp) When using the 2SC1908 in a circuit, impedance matching and decoupling are vital for high-frequency stability. ```cpp // Schematic Logic Representation [Antenna] -> [Matching Network] -> (Base) (Collector) -> [LC Tank Circuit] -> [Output] (Emitter) -> [Resistor // Bypass Capacitor] -> Ground ```
    ✨ Follow-up Questions
    • ⤷ What are the best modern alternatives for the 2SC1908 in RF circuits?
    • ⤷ How does the 2SC1908 compare to the 2SC9018 for high-frequency use?
    • ⤷ Can you explain the importance of the low 'Reverse Transfer Capacitance' in this part?