2SC2139
AI

### 2SC2139 Transistor Overview
The **2SC2139** is a Silicon NPN epitaxial planar type transistor. It is primarily designed for high-frequency amplification and oscillator applications, specifically in the VHF (Very High Frequency) range. It is often found in radio communication equipment and television tuners.
---
### Key Technical Specifications
The following table summarizes the absolute maximum ratings and electrical characteristics typically associated with the 2SC2139:
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 30 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 20 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 4 | V |
| **Collector Current** | $I_C$ | 30 | mA |
| **Collector Power Dissipation** | $P_C$ | 250 | mW |
| **Junction Temperature** | $T_j$ | 150 | °C |
| **Transition Frequency** | $f_T$ | 600 (Typ) | MHz |
---
### Physical and Structural Details
1. **Package Type:** It usually comes in a **TO-92** small plastic package, which is standard for low-power signal transistors.
2. **Pin Configuration:**
* **Pin 1:** Emitter
* **Pin 2:** Collector
* **Pin 3:** Base
*(Note: Always verify with the specific manufacturer datasheet as pinouts can occasionally vary by region or brand.)*
3. **Polarity:** **NPN**. This means the device is turned "ON" when a positive voltage/current is applied to the base relative to the emitter.
---
### Common Applications
* **VHF Amplifiers:** Due to its high transition frequency ($f_T$) of approximately 600 MHz, it is excellent for amplifying signals in the FM radio and VHF TV bands.
* **Local Oscillators:** Used in mixing circuits to generate carrier frequencies.
* **RF Signal Processing:** Suitable for low-noise pre-amplifiers in communication receivers.
---
### Equivalent / Substitute Parts
If the 2SC2139 is unavailable, the following transistors may serve as functional equivalents, though parameters like gain ($h_{FE}$) and pin layout should be double-checked:
* **2SC1923**
* **2SC9018**
* **BF199** (General RF NPN)
* **KSC2688**
- ⤷
What are the typical gain (hFE) values for the 2SC2139?
- ⤷ Can this transistor be used in low-frequency audio applications?
- ⤷ How does the 2SC2139 compare to the 2N2222 for RF tasks?