2SC2712G-X-AE3-R
AI

## Overview of the 2SC2712G-X-AE3-R
The **2SC2712G-X-AE3-R** is a specific variant of the widely used 2SC2712 NPN epitaxial silicon transistor. It is primarily designed for low-frequency voltage amplification and is commonly found in consumer electronics due to its compact size and high reliability.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for this specific part:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 60 V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 50 V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 5 V |
| **Collector Current (DC)** | $I_C$ | 150 mA |
| **Collector Power Dissipation** | $P_C$ | 150 mW |
| **Junction Temperature** | $T_j$ | 150 °C |
---
### 2. Decoding the Part Number
The suffix codes provide critical information regarding packaging and performance:
* **2SC2712**: The base model number (NPN Transistor).
* **G**: Often denotes "Green" or Halogen-free compliance.
* **X**: Typically represents the DC Current Gain ($h_{FE}$) classification. The "X" or "Y" rank usually falls within a specific range (e.g., 70 to 700).
* **AE3**: Refers to the **SOT-23** package type (3-pin small outline transistor).
* **R**: Indicates the packaging format, usually **Tape & Reel** for automated assembly.
---
### 3. Pin Configuration (SOT-23)
The device follows the standard SOT-23 layout:
1. **Pin 1 (Base):** Controls the flow of current between the collector and emitter.
2. **Pin 2 (Emitter):** Where the current exits the transistor.
3. **Pin 3 (Collector):** Where the current enters the transistor.
---
### 4. Typical Applications
Due to its high $h_{FE}$ and low noise characteristics, this part is used in:
* **Small Signal Amplification:** Pre-amplifier stages for audio or sensors.
* **Switching:** Low-current switching in logic circuits.
* **General Purpose:** Driver stages in portable devices (smartphones, tablets).
---
### 5. Equivalent/Substitute Parts
If this exact part is unavailable, the following are common alternatives (though pinouts and gain ranks should be verified):
* **2SC1623**
* **BC847**
* **MMBT3904**
- ⤷
What is the specific hFE (current gain) range for the 'X' classification?
- ⤷ How does this transistor compare to the PNP complementary pair 2SA1162?
- ⤷ What are the thermal considerations when using this SOT-23 package in a high-density PCB?