2SC5053_REV2008
AI

The **2SC5053** is a NPN epitaxial silicon transistor specifically designed for high-frequency applications, particularly in the VHF to UHF range. Below is a detailed technical breakdown based on the **REV 2008** specifications.
---
## 1. Device Overview
The 2SC5053 is primarily used as a low-noise amplifier or a high-speed switch. Its high transition frequency makes it ideal for telecommunications equipment.
### Key Features
* **High Gain-Bandwidth Product ($f_T$):** Typically around 5-7 GHz.
* **Low Noise Figure:** Designed to minimize signal interference in RF stages.
* **Small Package:** Usually found in a SOT-23 or SC-59 surface-mount package.
---
## 2. Absolute Maximum Ratings ($T_a = 25^\circ C$)
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 20 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 12 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 3 | V |
| Collector Current | $I_C$ | 30 | mA |
| Total Power Dissipation | $P_C$ | 150 | mW |
| Junction Temperature | $T_j$ | 150 | $^\circ C$ |
---
## 3. Electrical Characteristics
These values define how the part performs under specific operating conditions.
| Characteristic | Symbol | Condition | Min | Typ | Max | Unit |
| :--- | :--- | :--- | :--- | :--- | :--- | :--- |
| Collector Cut-off Current | $I_{CBO}$ | $V_{CB}=10V, I_E=0$ | - | - | 0.1 | $\mu A$ |
| DC Current Gain | $h_{FE}$ | $V_{CE}=10V, I_C=20mA$ | 50 | 120 | 250 | - |
| Transition Frequency | $f_T$ | $V_{CE}=10V, I_C=20mA$ | - | 5.0 | - | GHz |
| Output Capacitance | $C_{ob}$ | $V_{CB}=10V, f=1MHz$ | - | 0.6 | 1.0 | pF |
---
## 4. Typical Applications
The 2SC5053_REV2008 is commonly integrated into the following circuits:
1. **RF Amplifiers:** Used in the front-end of radio receivers to boost weak signals.
2. **Oscillators:** Stable performance in local oscillators for mixers.
3. **Buffer Stages:** High input impedance and high frequency response make it suitable for isolating circuit stages.
---
## 5. Equivalent/Replacement Parts
If the 2SC5053 is unavailable, the following NPN RF transistors are often considered (check pinouts and $V_{CEO}$ limits):
* **BFP193**
* **2SC3356**
* **BFG67**
- ⤷What are the specific pinout configurations for the SOT-23 version of this transistor?
- ⤷ How does the noise figure (NF) change with different collector currents?
- ⤷ What is the recommended biasing circuit for using this as a VHF amplifier?