Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 2SD1306NETL-E

  • AI
    ## Overview of the 2SD1306NETL-E The **2SD1306NETL-E** is a high-performance **NPN Epitaxial Planar Silicon Transistor**. It is specifically designed for applications requiring high current capacity and low saturation voltage in a compact form factor. It is commonly used in power management and switching circuits. --- ### Key Technical Specifications The following table outlines the absolute maximum ratings and electrical characteristics: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Collector-to-Base Voltage | $V_{CBO}$ | 30 | V | | Collector-to-Emitter Voltage | $V_{CEO}$ | 20 | V | | Emitter-to-Base Voltage | $V_{EBO}$ | 6 | V | | Collector Current (DC) | $I_C$ | 1.5 | A | | Collector Current (Pulse) | $I_{CP}$ | 3.0 | A | | Collector Dissipation | $P_C$ | 500 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ### Features and Benefits * **Low Saturation Voltage:** The device maintains a very low $V_{CE(sat)}$, typically around 0.15V at $I_C = 1A$. This reduces power loss and heat generation during operation. * **High Current Capability:** Despite its small size, it handles up to 1.5A of continuous current, making it ideal for driving motors or large LED arrays. * **High DC Current Gain ($h_{FE}$):** It offers a high gain range (typically 200 to 500), allowing it to be driven by low-power control signals. * **Compact Packaging:** Usually comes in a small surface-mount package (like SOT-89 or similar), saving PCB real estate. --- ### Typical Applications 1. **Voltage Regulation:** Used in low-dropout (LDO) regulators and battery-powered devices. 2. **Relay/Solenoid Drivers:** Efficiently switches inductive loads due to high pulse current handling. 3. **DC-DC Converters:** Acts as a high-speed switch in power conversion circuits. 4. **Audio Amplification:** Can be used in the output stages of small portable audio devices. --- ### Pin Configuration (Typical SOT-89) ```text _______ | 2 | (Collector/Tab) ___|_______|___ | 1 2 3 | |___|___|___|___| | | | B C E 1: Base 2: Collector (connected to large tab for heat dissipation) 3: Emitter ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent or replacement transistors for the 2SD1306?
    • ⤷ How does the low saturation voltage affect the efficiency of a circuit?
    • ⤷ What are the thermal management requirements for this transistor at 1.5A?