Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 2SD1553_2015

  • AI
    The **2SD1553** is a high-power NPN Silicon Darlington Transistor designed primarily for high-speed power switching applications and industrial control circuits. Below is a detailed technical breakdown of this component. --- ### 1. General Overview The 2SD1553 is a **Darlington pair** transistor, meaning it contains two transistors integrated into a single package to achieve very high current gain ($h_{FE}$). This makes it ideal for driving heavy loads (like motors or relays) using very small input signals from microcontrollers or logic gates. ### 2. Key Technical Specifications The following table highlights the absolute maximum ratings and characteristics typical for this device: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 100 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 100 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Current (Pulse) | $I_{CP}$ | 8 | A | | Total Power Dissipation | $P_C$ | 25 | W | | Junction Temperature | $T_j$ | 150 | °C | ### 3. Electrical Characteristics * **DC Current Gain ($h_{FE}$):** Typically ranges from **2,000 to 10,000**, which is the hallmark of Darlington transistors. * **Saturation Voltage ($V_{CE(sat)}$):** Usually around **1.5V at $I_C = 3A$**. * **Package Type:** Commonly found in the **TO-220** or **TO-220F** package, allowing for easy mounting to a heatsink. ### 4. Internal Schematic The internal structure usually includes: 1. **Two NPN Transistors:** Cascaded to multiply gain. 2. **Base-Emitter Resistors:** To improve switching speed and stability. 3. **Built-in Damper Diode:** Integrated between the Collector and Emitter to protect the transistor against inductive back-EMF (spikes) from motors or solenoids. ### 5. Common Applications Due to its high gain and power handling, it is used in: * **Motor Drivers:** Controlling DC motors in robotics. * **Solenoid Drivers:** Actuating valves or locks. * **Relay Drivers:** Interfacing low-power sensors with high-power mechanical switches. * **Voltage Regulators:** Used in series pass circuits for power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a Darlington transistor like the 2SD1553 over a standard NPN transistor?
    • ⤷ How do you calculate the required base current to fully saturate a 2SD1553 with a 3A load?
    • ⤷ Is a heatsink mandatory for the 2SD1553 when operating at 20W power dissipation?