2SD2353_06
AI

The **2SD2353** is an NPN epitaxial planar silicon transistor designed primarily for high-definition color display horizontal deflection output applications.
### 1. Key Specifications
The following table summarizes the absolute maximum ratings and electrical characteristics of the 2SD2353.
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-to-Base Voltage | $V_{CBO}$ | 1500 | V |
| Collector-to-Emitter Voltage | $V_{CEO}$ | 800 | V |
| Emitter-to-Base Voltage | $V_{EBO}$ | 6 | V |
| Collector Current (DC) | $I_C$ | 6 | A |
| Collector Current (Pulse) | $I_{CP}$ | 12 | A |
| Total Device Dissipation ($T_c = 25^\circ C$) | $P_C$ | 50 | W |
| Junction Temperature | $T_j$ | 150 | $^\circ C$ |
---
### 2. Functional Description
The "06" suffix often refers to specific gain grouping or packaging variations depending on the manufacturer (commonly Sanyo or ON Semiconductor).
* **High Speed:** It features a very short fall time ($t_f$), which is critical for reducing power loss during switching in horizontal deflection circuits.
* **High Voltage Resistance:** With a $V_{CBO}$ of 1500V, it can withstand the high-voltage flyback pulses generated in CRT monitors and TVs.
* **Built-in Damper Diode:** Many versions of this series include an integrated damper diode between the collector and emitter to simplify circuit design, though you should verify the specific datasheet for your "06" variant.
---
### 3. Pin Configuration
The device is typically housed in a **TO-220FI** (Full Mold) or **TO-3PF** package.
```text
Pin 1: Base (B)
Pin 2: Collector (C)
Pin 3: Emitter (E)
```
---
### 4. Common Applications
1. **Horizontal Deflection Output:** Used in high-resolution CRT monitors to drive the horizontal yoke.
2. **Switching Power Supplies:** High-voltage DC/DC converters.
3. **Inverters:** Industrial high-voltage switching applications.
- ⤷
What is the difference between the 2SD2353 and its PNP complement?
- ⤷ How does the fall time affect heat dissipation in this transistor?
- ⤷ Can this transistor be used in modern LED/LCD driver circuits?