2SD669AL-B-AB3-R
AI

The **2SD669AL-B-AB3-R** is a high-performance NPN epitaxial silicon transistor designed primarily for audio frequency power amplification and low-frequency power switching applications.
---
### 1. Technical Specifications
The following table highlights the key electrical characteristics of the 2SD669AL-B-AB3-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 180 V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 120 V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 5 V |
| **Collector Current (DC)** | $I_C$ | 1.5 A |
| **Collector Current (Pulse)** | $I_{CP}$ | 3.0 A |
| **Collector Dissipation** | $P_C$ | 1.0 W (Free Air) |
| **Junction Temperature** | $T_J$ | +150 °C |
---
### 2. Nomenclature & Ordering Information
The part number can be broken down into specific designators:
* **2SD669A**: The base model number (NPN Transistor).
* **L**: Indicates "Lead-free" or "Halogen-free" materials (Environmental compliance).
* **B**: Represents the **hFE (DC Current Gain)** classification. For the "B" rank, the range is typically **60 to 120**.
* **AB3**: Refers to the package type. In the UTC (Unisonic Technologies) system, AB3 usually denotes the **SOT-89** surface-mount package.
* **R**: Indicates the packing type, typically **Tape & Reel**.
---
### 3. Key Features
* **High Breakdown Voltage**: With a $V_{CEO}$ of 120V, it is suitable for high-voltage driver stages in audio amplifiers.
* **Complementary Pair**: It is often used alongside its PNP counterpart, the **2SB649A**.
* **Compact Form Factor**: The SOT-89 package allows for automated assembly while providing decent thermal management for low-to-medium power tasks.
---
### 4. Common Applications
1. **Audio Amplifiers**: Specifically in the driver stage or the power output stage of low-power amplifiers.
2. **Voltage Regulators**: Used in linear power supply circuits to manage output voltage.
3. **Relay Drivers**: Due to its 1.5A current capacity, it can easily drive mechanical relays or small DC motors.
4. **Signal Switching**: High-speed switching in industrial control logic.
---
- ⤷
What is the pinout configuration for the SOT-89 version of this transistor?
- ⤷ How does the hFE 'B' rank compare to other gain classifications for this part?
- ⤷ What are the recommended heat dissipation strategies for the 2SD669AL in a small PCB layout?