2SD882SL-P-T92-R
AI

The **2SD882SL-P-T92-R** is a specific part number for a NPN medium power transistor. It is widely used in voltage regulation, relay drivers, and generic switching applications due to its high current capacity relative to its size.
---
### 1. Part Number Breakdown
The nomenclature reveals specific characteristics defined by the manufacturer (likely UTC - Unisonic Technologies):
| Segment | Meaning |
| :--- | :--- |
| **2SD882** | The core transistor model (NPN Medium Power). |
| **SL** | Low saturation voltage version. |
| **P** | Rank/hFE (Current Gain) classification. |
| **T92** | Package type (TO-92). |
| **R** | Packing type (usually Tape & Reel or Ammo Pack). |
---
### 2. Technical Specifications
Below are the typical absolute maximum ratings and electrical characteristics for this component:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 40 V |
| Collector-Emitter Voltage | $V_{CEO}$ | 30 V |
| Emitter-Base Voltage | $V_{EBO}$ | 6 V |
| Collector Current (DC) | $I_C$ | 3 A |
| Collector Dissipation | $P_C$ | 750 mW (in TO-92 package) |
| DC Current Gain | $h_{FE}$ | 160 – 320 (P Rank) |
| Transition Frequency | $f_T$ | 90 MHz (Typ) |
---
### 3. Key Features
* **High Current Capacity:** Despite the small TO-92 form factor, it can handle up to 3A of collector current, making it much more powerful than a standard 2N2222 or BC547.
* **Low Saturation Voltage:** The "SL" variant ensures that the voltage drop across the collector and emitter ($V_{CE(sat)}$) is minimized when the transistor is fully ON, reducing heat and power loss.
* **NPN Polarity:** It is a negative-positive-negative transistor, meaning it is activated by a positive current at the base.
---
### 4. Pin Configuration (TO-92)
When looking at the flat side of the transistor with the leads pointing down, the pinout is typically:
1. **Emitter (E)**
2. **Collector (C)**
3. **Base (B)**
---
### 5. Common Applications
* **Power Management:** Used in DC-DC converters and voltage regulators.
* **Motor Control:** Driving small DC motors or actuators.
* **Audio Amplification:** Output stages for low-power audio amplifiers.
* **Relay Switching:** Triggering high-current relays from low-power microcontroller pins.
- ⤷
What are the differences in power dissipation between the TO-92 and TO-126 versions of the D882?
- ⤷ Can I use a 2SD882 to drive a 12V motor directly from an Arduino?
- ⤷ What is the complementary PNP transistor for the 2SD882?