2SD882SL-X-AB3-R
AI

The **2SD882SL-X-AB3-R** is a specific variant of the widely used 2SD882 (or D882) NPN medium-power transistor. It is designed for applications requiring high current and low saturation voltage.
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific physical and electrical characteristics:
| Part Segment | Meaning |
| :--- | :--- |
| **2SD882** | Base part number (NPN Silicon Transistor) |
| **SL** | Low Saturation Voltage variant |
| **X** | HFE (Gain) classification (typically 60–400 range, specific to X) |
| **AB3** | Package Type: **SOT-89** (Surface Mount) |
| **R** | Packing style (Tape & Reel) |
---
### 2. Technical Specifications
Below are the typical maximum ratings and electrical characteristics for this component:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 40 V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 30 V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 5.0 V |
| **Collector Current (DC)** | $I_C$ | 3.0 A |
| **Collector Current (Pulse)** | $I_{CP}$ | 7.0 A |
| **Collector Dissipation ($T_a=25°C$)** | $P_C$ | 0.5 W (SOT-89) |
| **DC Current Gain** | $h_{FE}$ | 160 – 320 (X rank) |
| **Saturation Voltage** | $V_{CE(sat)}$ | 0.5 V Max (@ 2A $I_C$) |
---
### 3. Key Features
* **High Current Capacity:** Can handle up to 3A of continuous current, which is high for its small SOT-89 footprint.
* **Low Saturation Voltage:** The "SL" designation indicates optimized performance for switching, resulting in lower heat dissipation during the "ON" state.
* **Complementary Pair:** Often used alongside the **2SB772** (PNP version) for push-pull amplifier circuits.
* **Surface Mount:** The AB3 (SOT-89) package is ideal for automated assembly in compact electronic devices.
---
### 4. Common Applications
* **Voltage Regulation:** Used in linear regulators and power supply circuits.
* **Relay/Motor Drivers:** Its 3A capacity makes it suitable for driving small DC motors or high-current relays.
* **Audio Amplifiers:** Used in the output stage of low-power amplifiers or as a driver for high-power stages.
* **DC-DC Converters:** Utilized in switching power circuits due to its low $V_{CE(sat)}$.
---
### 5. Pin Configuration (SOT-89)
When looking at the front of the transistor (part markings visible, pins pointing down):
1. **Pin 1:** Emitter
2. **Pin 2/Tab:** Collector (The large center tab is also the Collector for heat sinking)
3. **Pin 3:** Base
- ⤷
What is the thermal resistance (Rthja) of the SOT-89 package for this transistor?
- ⤷ Can this transistor be used in a 24V power supply circuit safely?
- ⤷ How does the 'SL' low saturation version compare to the standard 2SD882 in terms of heat generation?