2SD965-Q-AB3-R
AI

The **2SD965-Q-AB3-R** is a high-current, low-voltage NPN epitaxial silicon transistor. It is specifically designed for applications requiring high current capacity in a small form factor, such as camera flash units, strobe lights, and switching regulators.
---
## 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific variant:
| Component | Meaning |
| :--- | :--- |
| **2SD965** | Base part number (NPN Silicon Transistor) |
| **Q** | $h_{FE}$ (DC Current Gain) rank: **230 ~ 600** |
| **AB3** | Package type: **SOT-89** (Surface Mount) |
| **R** | Packing type: **Tape & Reel** |
---
## 2. Technical Specifications
Below are the absolute maximum ratings and electrical characteristics:
### A. Maximum Ratings ($T_a = 25^\circ C$)
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 40 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 20 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 7 | V |
| Collector Current (DC) | $I_C$ | 5 | A |
| Collector Current (Pulse) | $I_{CP}$ | 8 | A |
| Total Power Dissipation | $P_D$ | 500 (standard) / 2000* | mW |
*\*Note: Power dissipation depends on PCB copper area for SOT-89 packages.*
### B. Electrical Characteristics
* **Low Saturation Voltage:** $V_{CE(sat)}$ is typically **0.35V** at $I_C = 3A$, which minimizes power loss during switching.
* **High Current Gain:** The "Q" classification ensures a high $\beta$ ($h_{FE}$) between 230 and 600.
* **Transition Frequency ($f_T$):** Typically **150 MHz**, making it suitable for high-speed switching.
---
## 3. Pin Configuration (SOT-89)
The SOT-89 is a three-terminal surface mount package. Looking at the top of the device with the leads pointing down:
| Pin Number | Function |
| :---: | :--- |
| **1** | Emitter (E) |
| **2** | Collector (C) - *Also connected to the large center tab* |
| **3** | Base (B) |
---
## 4. Typical Applications
The 2SD965-Q-AB3-R is optimized for "Power Management" and "Pulse" circuits:
1. **Strobe/Flash Circuits:** Handling high peak currents ($I_{CP}$ up to 8A) for charging capacitors.
2. **DC-DC Converters:** Efficiency is high due to the low saturation voltage.
3. **Motor Drivers:** Small DC motors in portable electronics.
4. **LED Drivers:** Driving high-power LED strings.
---
## 5. Equivalent / Alternative Parts
If this specific part is unavailable, similar transistors include:
* **KSD965** (Fairchild/ON Semi version)
* **2SC3279** (Similar electrical specs, different package)
* **ZTX689B** (Through-hole equivalent with high current)
- ⤷
What is the thermal resistance (Rthja) for the SOT-89 package of this transistor?
- ⤷ Can you explain the difference between the 'Q' and 'R' gain ranks for the 2SD965?
- ⤷ How does the low saturation voltage affect the efficiency of a switching circuit?