2SD965-Q-T92-R
AI

The **2SD965-Q-T92-R** is a high-current, low-voltage NPN epitaxial silicon transistor. It is specifically designed for applications requiring high current capacity in a compact form factor, such as strobe flashes, camera equipment, and voltage regulators.
---
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific variant:
| Component | Meaning |
| :--- | :--- |
| **2SD965** | Base part number (NPN Silicon Transistor) |
| **Q** | HFE (Current Gain) Rank: Typically 230 ~ 600 |
| **T92** | Package Type: TO-92 standard plastic package |
| **R** | Packaging Detail: Often refers to "Tape & Reel" or "RoHS Compliant" |
---
### 2. Technical Specifications
Below are the absolute maximum ratings and electrical characteristics:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 40 V |
| Collector-Emitter Voltage | $V_{CEO}$ | 20 V |
| Emitter-Base Voltage | $V_{EBO}$ | 7 V |
| Collector Current (DC) | $I_C$ | 5 A |
| Collector Current (Pulse) | $I_{CP}$ | 8 A |
| Collector Dissipation | $P_C$ | 750 mW |
| Junction Temperature | $T_j$ | 150 °C |
---
### 3. Pin Configuration (TO-92)
When looking at the flat side of the transistor with the leads pointing down, the pinout is generally as follows:
1. **Emitter (E)**: Negative terminal/Output.
2. **Collector (C)**: Connected to the load.
3. **Base (B)**: Controls the transistor (Trigger).
---
### 4. Key Features & Applications
* **Low Saturation Voltage**: Typically $V_{CE(sat)} = 0.35V$ at $I_C = 3A$. This results in lower power loss and less heat.
* **High Current Capability**: Can handle up to 5A continuously, which is very high for a small TO-92 package.
* **Common Applications**:
* Camera strobe flash units.
* DC-DC converters (Step-up/Step-down).
* Relay and motor drivers.
* Power management in portable electronics.
---
### 5. Equivalent/Substitute Parts
If you cannot find the 2SD965, you may consider these alternatives (check pinouts as they may differ):
* **KSD965**: Often the exact same functional part from different manufacturers (e.g., Fairchild/ON Semi).
* **2SC2500**: Similar high-current characteristics.
* **SS8050**: Lower current rating (typically 1.5A), suitable only if the load is small.
- ⤷What is the difference between the Q and R gain ranks for this transistor?
- ⤷ Can this transistor be used in high-frequency switching applications?
- ⤷ How do I calculate the base resistor needed for a 5A load?