2SD965-R-AB3-K
AI

The **2SD965-R-AB3-K** is a high-current, low-voltage NPN epitaxial silicon transistor. It is specifically designed for applications requiring high current capacity in a compact form factor, such as camera flash units, audio amplifiers, and switching regulators.
---
## 1. Part Number Breakdown
Understanding the suffix nomenclature helps identify the specific variant:
| Component | Meaning |
| :--- | :--- |
| **2SD965** | Base part number (NPN Silicon Transistor) |
| **R** | hFE (DC Current Gain) Classification (Typically 230 – 600) |
| **AB3** | Package Type (SOT-89) |
| **K** | Halogen-free / RoHS Compliant / Lead-free |
---
## 2. Technical Specifications
Below are the absolute maximum ratings and electrical characteristics at $T_a = 25°C$.
### Absolute Maximum Ratings
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 40 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 20 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 7 | V |
| Collector Current (DC) | $I_C$ | 5 | A |
| Collector Current (Pulse) | $I_{CP}$ | 8 | A |
| Collector Dissipation | $P_C$ | 500 (1000 on PCB) | mW |
### Key Electrical Characteristics
* **DC Current Gain ($h_{FE}$):** High gain range, specifically 230 to 600 for the "R" grade.
* **Saturation Voltage ($V_{CE(sat)}$):** Very low, typically **0.35V** at $I_C = 3A$, which reduces power loss during switching.
* **Transition Frequency ($f_T$):** Typically **150 MHz**, suitable for high-speed switching.
---
## 3. Physical Configuration (SOT-89)
The **AB3** suffix indicates the **SOT-89** surface-mount package. This package is popular because it offers better thermal dissipation than the standard TO-92 while remaining small.
**Pinout Mapping:**
1. **Base (B)**
2. **Collector (C)** - *Also connected to the large heat sink tab*
3. **Emitter (E)**
---
## 4. Typical Applications
Due to its high collector current ($5A$) relative to its small size, it is commonly used in:
* **Strobe Flash Units:** Handling the high-intensity pulse current for camera flashes.
* **DC-DC Converters:** Functioning as a high-efficiency switch.
* **Motor Drivers:** Driving small DC motors where space is limited.
* **Audio Output Stages:** Used in the voltage amplification or output phase of portable audio devices.
---
## 5. Equivalent Alternatives
If the 2SD965 is unavailable, these are common substitutes (ensure you check the pinout/package):
* **2SD879** (Similar specs)
* **KSD965** (Fairchild/OnSemi equivalent)
* **ZTX618** (Through-hole alternative with high current)
- ⤷
What are the differences in hFE between the R
- ⤷ Q
- ⤷ and S classifications for this transistor?
- ⤷ How does the SOT-89 package thermal resistance compare to a TO-92 package?
- ⤷ Can this transistor be used in a 12V battery charging circuit given its 20V VCEO limit?