Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 2SD965-X-AB3-R

  • AI
    The **2SD965-X-AB3-R** is a high-current, low-voltage NPN epitaxial silicon transistor. It is specifically designed for applications requiring high current capacity in a compact form factor, such as camera flash units, lanterns, and various switching regulators. --- ### 1. Key Technical Specifications Below are the absolute maximum ratings and primary electrical characteristics for this specific part: | Parameter | Symbol | Rating/Value | | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 40 V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 20 V | | **Emitter-Base Voltage** | $V_{EBO}$ | 7 V | | **Collector Current (DC)** | $I_C$ | 5.0 A | | **Collector Current (Pulse)** | $I_{CP}$ | 8.0 A | | **Power Dissipation** | $P_D$ | 0.5 W to 1.0 W (package dependent) | | **DC Current Gain** | $h_{FE}$ | 230 – 600 (X classification) | | **Package Type** | SOT-89 | Surface Mount | --- ### 2. Decoding the Part Number The suffix and prefix provide specific details regarding the manufacturing and physical properties: * **2SD965**: The base model number (NPN Silicon Transistor). * **X**: Represents the **hFE (Gain) Rank**. The "X" rank typically indicates a high gain range between 230 and 600. * **AB3**: Refers to the **SOT-89** package style. * **R**: Indicates the packing method, usually **Tape & Reel**. --- ### 3. Pin Configuration (SOT-89) The SOT-89 is a three-terminal surface mount package with a large tab for heat dissipation. | Pin Number | Terminal Name | Description | | :--- | :--- | :--- | | **1** | **Base** | Controls the bias of the transistor. | | **2** | **Collector** | Connected to the heat sink tab (Output). | | **3** | **Emitter** | Usually connected to ground in NPN circuits. | --- ### 4. Primary Applications Due to its high collector current ($I_C = 5A$) and low saturation voltage, this part is ideal for: * **Strobe Flash Circuits:** High pulse current capability allows it to drive camera flashes. * **Voltage Regulators:** Used in DC-DC converters for battery-operated devices. * **Motor Drivers:** Small DC motor control in handheld electronics. * **Audio Amplifiers:** Power output stages for low-voltage audio devices. --- ### 5. Equivalent/Alternative Parts If this specific part is unavailable, the following are common equivalents, though package types may vary: * **KSD965** (Fairchild/ON Semi version) * **2SC2500** (Similar high-current characteristics) * **ZTX690B** (Through-hole alternative)
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'X' and 'R' gain ranks for this transistor?
    • ⤷ Can the 2SD965 be used in a 12V automotive application?
    • ⤷ How does the SOT-89 package compare to a TO-92 in terms of heat dissipation?