2SD965AL-S-AB3-R
AI

## Technical Overview: 2SD965AL-S-AB3-R
The **2SD965AL-S-AB3-R** is a high-current, low-voltage NPN epitaxial silicon transistor designed primarily for applications requiring high efficiency in power switching. It is frequently used in battery-powered devices due to its low saturation voltage.
---
### 1. Part Number Breakdown
The suffixing in the part number (likely from manufacturers like **UTC - Unisonic Technologies**) typically follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **2SD965** | Base part number (NPN Transistor) |
| **AL** | Rank/Gain classification (Typically High $h_{FE}$) |
| **S** | Lead-free/Halogen-free designation |
| **AB3** | Package style (SOT-89) |
| **R** | Tape and Reel packaging |
---
### 2. Key Technical Specifications
Below are the absolute maximum ratings and typical electrical characteristics:
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 40 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 20 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 7 | V |
| Collector Current (DC) | $I_C$ | 5 | A |
| Collector Current (Pulse) | $I_{CP}$ | 8 | A |
| Collector Dissipation | $P_C$ | 500 (Note: varies by PCB) | mW |
| DC Current Gain | $h_{FE}$ | 230 ~ 600 | - |
---
### 3. Core Features
* **High Current Capacity:** Despite its small footprint, it can handle a continuous collector current of up to 5A.
* **Low Saturation Voltage:** $V_{CE(sat)}$ is typically very low (approx. 0.75V at $I_C = 3A$), which reduces power loss and heat generation.
* **High Gain:** The "L" rank indicates a high DC current gain, making it easy to drive directly from logic circuits or microcontrollers.
---
### 4. Common Applications
Due to its high current handling and low voltage drop, it is ideal for:
1. **Strobe/Flash Units:** Used in cameras for rapid capacitor discharging.
2. **Voltage Regulators:** Part of power management circuits in portable electronics.
3. **Relay/Motor Drivers:** Switching inductive loads in toys or handheld tools.
4. **DC-DC Converters:** Efficiency-focused power conversion.
---
### 5. Physical Package (SOT-89)
The **AB3** code refers to the **SOT-89** surface-mount package.
* **Pin 1:** Base
* **Pin 2:** Collector (connected to the large cooling tab)
* **Pin 3:** Emitter
- ⤷What is the equivalent through-hole (TO-92) part for the 2SD965?
- ⤷ How does the low saturation voltage benefit battery life?
- ⤷ What is the maximum power dissipation when mounted on a standard FR-4 PCB?