2SD965L-R-AB3-K
AI

The **2SD965L-R-AB3-K** is a high-current, low-voltage NPN epitaxial silicon transistor. It is specifically designed for applications requiring high current capacity in a compact form factor, such as strobe flashes, camera equipment, and voltage regulators.
### 1. Part Number Breakdown
The part number follows a specific nomenclature (based on UTC - United Semiconductor Corp standards):
| Component Segment | Meaning |
| :--- | :--- |
| **2SD965** | Base Part Number (NPN Transistor) |
| **L** | Lead-free / Halogen-free plating |
| **R** | HFE Rank (Gain range: 230 ~ 600) |
| **AB3** | Package Type (SOT-89) |
| **K** | Packing Code (Bulk or Tape & Reel variant) |
---
### 2. Key Specifications
The 2SD965 is known for its exceptionally high collector current relative to its small package size.
| Parameter | Symbol | Rating |
| :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 40V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 20V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 7V |
| **Collector Current (DC)** | $I_{C}$ | 5A |
| **Collector Current (Pulse)** | $I_{CP}$ | 8A |
| **Power Dissipation** | $P_{D}$ | 500mW (package dependent) |
| **DC Current Gain** | $h_{FE}$ | 230 ~ 600 (R Rank) |
---
### 3. Pin Configuration (SOT-89 Package)
The **AB3** suffix indicates the SOT-89 package. This is a surface-mount package with an integrated heat sink tab.
```text
_______
| UTC |
|_______|
| | |
1 2 3 (and 4)
1: Base (B)
2: Collector (C) - Connected to large center tab (4)
3: Emitter (E)
```
---
### 4. Technical Features & Applications
#### Features:
* **Low Saturation Voltage:** $V_{CE(sat)}$ is typically only 0.35V at $I_C = 3A$, reducing power loss and heat.
* **High Current Handling:** Capable of handling up to 5A continuously, which is rare for such a small SMT package.
* **Fast Switching:** Suitable for high-frequency pulse circuits.
#### Typical Applications:
1. **Strobe Flash Units:** High pulse current capacity is ideal for charging and discharging flash capacitors.
2. **Audio Power Amplifiers:** Used in the output stages of portable audio devices.
3. **DC-DC Converters:** Acts as a high-efficiency switch.
4. **Motor Drivers:** For small DC motors in toys or handheld gadgets.
---
- ⤷
What are the differences between the R rank and S rank for this transistor?
- ⤷ Can the 2SD965 be used as a direct replacement for the 2SC2655?
- ⤷ What is the thermal resistance of the SOT-89 package variant?