2SK1390-R
AI

## 2SK1390-R: Electronic Specifications and Overview
The **2SK1390-R** is an N-Channel Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) primarily designed for high-speed switching applications. It is commonly found in power supplies, motor drivers, and DC-DC converters.
### 1. Key Technical Specifications
The "R" suffix typically refers to a specific gain or voltage classification provided by the manufacturer (often Renesas or Hitachi).
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 500 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±30 V |
| **Continuous Drain Current** | $I_D$ | 10 A |
| **Pulsed Drain Current** | $I_{D(pulse)}$ | 40 A |
| **Power Dissipation** ($T_c = 25^\circ C$) | $P_D$ | 100 W |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~0.65 Ω |
| **Channel Temperature** | $T_{ch}$ | 150 °C |
---
### 2. Physical Characteristics
The device is usually housed in a power package to handle high heat dissipation.
* **Package Type:** TO-3P or TO-220 (Depending on the specific manufacturing run, though TO-3P is standard for the 100W rating).
* **Pin Configuration:**
1. **Gate (G):** Controls the flow of current.
2. **Drain (D):** Connected to the load.
3. **Source (S):** Connected to the ground or common.
---
### 3. Features and Applications
#### Features
* **Low On-Resistance:** Reduces power loss during the "ON" state.
* **High Speed:** Fast switching times make it ideal for high-frequency PWM (Pulse Width Modulation).
* **High Input Impedance:** Allows for easy driving from logic-level circuits (though a gate driver is recommended for high speeds).
#### Common Applications
* **Switching Regulators:** Used in PC and industrial power supplies.
* **UPS (Uninterruptible Power Supplies):** Managing high voltage battery-to-AC conversion.
* **Motor Control:** Driving DC motors through H-Bridge circuits.
* **DC-DC Converters:** Voltage stepping in telecommunications equipment.
---
### 4. Basic Circuit Symbolism
```text
Drain (D)
|
---|
Gate (G) | |<--- (N-Channel)
---|
|
Source (S)
```
- ⤷
What are the recommended gate driver circuits for the 2SK1390-R?
- ⤷ What is a suitable equivalent or replacement part if this MOSFET is obsolete?
- ⤷ How do I calculate the heat sink requirements for a 100W power dissipation?