Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 30LVD22-R

  • AI
    ### Technical Overview of 30LVD22-R The **30LVD22-R** is a specific type of ceramic disc capacitor, primarily manufactured by Vishay (Cera-Mite). It belongs to the **Low Voltage (LVD) Series**, designed for general-purpose electronic applications requiring stability and reliability in a compact form factor. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Ceramic Disc Capacitor | | **Capacitance** | 0.0022 µF (2200 pF) | | **Voltage Rating** | 3000 VDC (3kV) / 125 VAC | | **Tolerance** | ±20% (Standard for this series) | | **Dielectric Material** | Y5R / Y5U (Typical temperature characteristics) | | **Termination** | Radial Leaded | --- ### 2. Physical Construction The part is constructed using the following layers: * **Ceramic Dielectric:** A high-K ceramic material that determines the capacitance and voltage stability. * **Electrodes:** Silver or copper electrodes deposited on both sides of the ceramic disc. * **Coating:** Encapsulated in a flame-retardant epoxy resin (usually blue or tan), which provides moisture resistance and insulation. * **Leads:** Tinned copper wire for through-hole mounting on Printed Circuit Boards (PCBs). --- ### 3. Electronic Functions In a circuit, the 30LVD22-R performs several critical roles: 1. **Coupling/Decoupling:** Blocks DC signals while allowing AC signals to pass through, or filters out high-frequency noise from power lines. 2. **Bypass:** Diverts unwanted electrical noise to the ground to protect sensitive components. 3. **Surge Suppression:** Due to its high voltage rating (3kV), it is often used to absorb spikes in power supplies. --- ### 4. Applications Common devices where you will find this component include: * **Switching Power Supplies:** Used in the primary-side snubber circuits. * **CRT Monitors/TVs:** Historical use in high-voltage deflection circuits. * **Lighting Ballasts:** Filtering and power factor correction. * **Industrial Equipment:** General spike protection and AC line filtering. --- ### 5. Identification Code Breakdown * **30:** Often refers to the voltage class or series identifier (3000V). * **LVD:** The product series (Low Voltage Disc / Ceramic Disc). * **22:** Represents the significant digits of capacitance (22). * **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 30LVD22-R if it is out of stock?
    • ⤷ How does the temperature coefficient Y5R affect the performance of this capacitor?
    • ⤷ Can this capacitor be used in AC line-to-ground (Y-capacitor) safety applications?