30LVD28-R
AI

The **30LVD28-R** is a high-voltage, ceramic disc capacitor manufactured by **Vishay Cera-Mite**. It is part of the "Lower Voltage" (LVD) series, specifically designed for applications requiring high dielectric strength and reliability.
---
### 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the 30LVD28-R:
| Parameter | Specification |
|:---|:---|
| **Capacitance Value** | 2,800 pF (0.0028 µF) |
| **Voltage Rating** | 3,000 VDC (3 kV) |
| **Dielectric Material** | Y5U (Class 2 Ceramic) |
| **Tolerance** | ±20% |
| **Mounting Type** | Through-Hole |
| **Lead Configuration** | Radial Leaded |
| **Operating Temperature** | -30°C to +85°C |
---
### 2. Key Features
* **High Voltage Stability:** Rated for 3kV, making it suitable for high-stress power environments.
* **Compact Design:** The ceramic disc construction allows for a high capacitance-to-volume ratio.
* **Flame Retardant:** Encapsulated in flame-retardant epoxy resin (UL 94 V-0 rated).
* **Y5U Dielectric:** This is a general-purpose dielectric that offers high volumetric efficiency, though it has a non-linear temperature coefficient.
---
### 3. Common Applications
Due to its high voltage rating and ceramic properties, this part is typically used in the following circuits:
1. **Power Supplies:** Used as a snubber capacitor to protect switching transistors from voltage spikes.
2. **CRT Displays:** High-voltage filtering in older monitor technology or specialized industrial displays.
3. **Lighting Ballasts:** Voltage regulation in HID or fluorescent lighting systems.
4. **Coupling/Decoupling:** Blocking DC components while allowing high-frequency AC signals to pass in high-voltage lines.
---
### 4. Part Number Breakdown
The nomenclature for the Vishay LVD series generally follows this logic:
```text
30 - Voltage Rating (30 = 3,000 VDC)
LVD - Series Code (Low Voltage Disc / High Voltage Ceramic)
28 - Capacitance Code (2800 pF)
-R - RoHS Compliant / Revision Indicator
```
- ⤷What are the equivalent replacement parts for the 30LVD28-R?
- ⤷ How does the Y5U dielectric affect performance compared to X7R?
- ⤷ What are the spacing requirements for 3kV traces on a PCB?