30LVSD33X-R-R
AI

The **30LVSD33X-R** is a high-performance, single-layer ceramic disc capacitor manufactured by **Vishay Cera-Mite**. These components are specifically designed for low-voltage DC applications where stability and compact size are required.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance Value** | 0.033 µF (33,000 pF) |
| **Voltage Rating** | 3000 VDC (3 kV) |
| **Tolerance** | ±20% |
| **Temperature Characteristic** | Y5S (Stable within -30°C to +85°C) |
| **Mounting Type** | Through-hole |
| **Termination** | Radial leads |
| **RoHS Compliant** | Yes (indicated by the -R suffix) |
---
### 2. Physical Construction
The **30LVSD33X-R** belongs to the "LV" (Low Voltage/Commercial) series despite having a high voltage rating in certain sub-categories.
* **Dielectric:** Ceramic (Class II).
* **Coating:** Flame-retardant epoxy resin (conforms to UL 94 V-0).
* **Leads:** Tinned copper wire for easy soldering.
---
### 3. Key Applications
Because of its high voltage rating and ceramic stability, this part is commonly used in:
1. **Switching Power Supplies:** For snubbing and noise suppression.
2. **High Voltage DC Buffering:** Protecting circuits from voltage spikes.
3. **Lighting Ballasts:** Filtering in electronic lighting systems.
4. **CRT/Display Circuits:** Used in legacy high-voltage display drivers.
---
### 4. Part Number Breakdown
* **30LV:** Series identifier (Ceramite Low Voltage/High Voltage Commercial).
* **S:** Temperature coefficient code.
* **D33:** Capacitance code (33 represents the significant digits).
* **X-R:** Packaging and compliance suffix (RoHS compliant).
---
### 5. Summary Table
| Feature | Description |
| :--- | :--- |
| **Brand** | Vishay / Cera-Mite |
| **Dielectric Type** | Ceramic Disc |
| **Reliability** | High insulation resistance and low dissipation factor |
| **Lead Style** | Straight or Kinked (depending on exact order sub-code) |
- ⤷What is the difference between Y5S and X7R temperature coefficients?
- ⤷ Can this capacitor be used in AC power line filtering?
- ⤷ What are the recommended soldering temperatures for radial ceramic capacitors?