30LVSD40-R
AI

The **30LVSD40-R** is a high-voltage, radial-leaded ceramic disc capacitor manufactured by **Vishay Cera-Mite**. It is part of the 30LVS series, specifically designed for low-voltage applications requiring high reliability and stability.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Capacitance Value** | 0.04 µF (40,000 pF) |
| **Voltage Rating** | 3000 VDC (3 kV) |
| **Tolerance** | ±20% |
| **Temperature Coefficient** | Y5S (Stable dielectric) |
| **Mounting Type** | Through-Hole (Radial Leads) |
| **Operating Temperature** | -30°C to +85°C |
### 2. Physical Characteristics
* **Encapsulation:** Flame-retardant epoxy resin (conforms to UL 94 V-0).
* **Lead Style:** Straight or kinked copper wires with tin plating.
* **Construction:** Consists of a ceramic disc which is silver-plated on both sides.
### 3. Core Applications
The 30LVSD40-R is typically used in circuits where high voltage spikes or steady-state high voltages are present. Common use cases include:
* **Power Supplies:** Filtering high-frequency noise in switch-mode power supplies (SMPS).
* **TV/Monitors:** Horizontal resonance circuits and high-voltage coupling.
* **Lighting Ballasts:** Used in electronic ballasts for gas discharge lamps.
* **Snubber Circuits:** Protecting semiconductors (IGBTs/MOSFETs) from voltage transients.
---
### 4. Part Number Breakdown
| Segment | Meaning |
|:---|:---|
| **30** | Series Identifier (Vishay Cera-Mite) |
| **LVS** | Low Voltage Series (Relative to ultra-high-voltage utility caps) |
| **D40** | Capacitance code (40 indicates value) |
| **-R** | RoHS Compliant (Lead-free) |
- ⤷
What are the equivalent alternatives for the 30LVSD40-R from other manufacturers?
- ⤷ How does the Y5S temperature coefficient affect performance compared to X7R?
- ⤷ What are the spacing requirements for the radial leads in a PCB layout?